Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

UM2179 Fiches technique(PDF) 39 Page - STMicroelectronics

No de pièce UM2179
Description  STM32 Arm®-based microcontroller in LQFP144 package
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM2179 Fiches technique(HTML) 39 Page - STMicroelectronics

Back Button UM2179 Datasheet HTML 35Page - STMicroelectronics UM2179 Datasheet HTML 36Page - STMicroelectronics UM2179 Datasheet HTML 37Page - STMicroelectronics UM2179 Datasheet HTML 38Page - STMicroelectronics UM2179 Datasheet HTML 39Page - STMicroelectronics UM2179 Datasheet HTML 40Page - STMicroelectronics UM2179 Datasheet HTML 41Page - STMicroelectronics UM2179 Datasheet HTML 42Page - STMicroelectronics UM2179 Datasheet HTML 43Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 48 page
background image
UM2179 Rev 9
39/48
UM2179
Hardware layout and configuration
47
CN9
4
D52
USART_B_RX
PD6
USART_2
-
6
D53
USART_B_TX
PD5
8
D54
USART_B_RTS
PD4
10
D55
USART_B_CTS
PD3
12
GND
GND
-
ground
14
D56
SAI_A_MCLK
PE2
SAI_1_A
16
D57
SAI_A_FS
PE4
18
D58
SAI_A_SCK
PE5
20
D59
SAI_A_SD
PE6
22
D60
SAI_B_SD
PE3
SAI_1_B
24
D61
SAI_B_SCK
PF8
26
D62
SAI_B_MCLK
PF7
28
D63
SAI_B_FS
PF9
30
D64
I/O
PG1
I/O
Right connectors
CN7
1
D16
I2S_A_MCK
PC6
SAI_2_A
-
3
D17
I2S_A_SD
PB15
5
D18
I2S_A_CK
PB13
7
D19
I2S_A_WS
PB12
9
D20
I2S_B_WS
PA4
SAI_1_B/
SPI3(2)
11
D21
I2S_B_MCK
PB4
13
D22
I2S_B_SD/
SPI_B_MOSI
PB5
15
D23
I2S_B_CK/
SPI_B_SCK
PB3
17
D24
SPI_B_NSS
PA4
19
D25
SPI_B_MISO
PB4
2
D15
I2C_A_SCL
PB8
I2C1_SCL
Arduino
support
4
D14
I2C_A_SDA
PB9
I2C1_SDA
6
AREF
AREF
-
VREF+(3)
8
GND
GND
ground
10
D13
SPI_A_SCK
PA5
SPI1_SCK
12
D12
SPI_A_MISO
PA6
SPI1_MISO
14
D11
SPI_A_MOSI/
TIM_E_PWM1
PA7
SPI1_MOSI/
TIM17_CH1
Table 11. ST Zio connectors pin assignments (continued)
Pin
Pin name
Signal name
STM32 pin
Function
Remark



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48