Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

UM2179 Fiches technique(PDF) 18 Page - STMicroelectronics

No de pièce UM2179
Description  STM32 Arm®-based microcontroller in LQFP144 package
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM2179 Fiches technique(HTML) 18 Page - STMicroelectronics

Back Button UM2179 Datasheet HTML 14Page - STMicroelectronics UM2179 Datasheet HTML 15Page - STMicroelectronics UM2179 Datasheet HTML 16Page - STMicroelectronics UM2179 Datasheet HTML 17Page - STMicroelectronics UM2179 Datasheet HTML 18Page - STMicroelectronics UM2179 Datasheet HTML 19Page - STMicroelectronics UM2179 Datasheet HTML 20Page - STMicroelectronics UM2179 Datasheet HTML 21Page - STMicroelectronics UM2179 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 48 page
background image
Hardware layout and configuration
UM2179
18/48
UM2179 Rev 9
Figure 9. Connecting the STM32 Nucleo-144 board to program the on-board STM32
5.4.4
Using ST-LINK/V2-1 to program and debug an external STM32
application
It is very easy to use the ST-LINK/V2-1 to program the STM32 on an external application.
Simply remove the two jumpers from CN4, as shown in Figure 10 and connect the
application to the SWD debug connector according to Table 5.
Note:
JP4 NRST (target STM32 RESET) must be open when CN3 pin 5 is used in an external
application.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48