Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

2460 Fiches technique(PDF) 2 Page - Emerson Network Power

No de pièce 2460
Description  Rosemount??2460 System Hub for tank gauging systems
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  EMERSON-NETWORKPOWER [Emerson Network Power]
Site Internet  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

2460 Fiches technique(HTML) 2 Page - Emerson Network Power

  2460 Datasheet HTML 1Page - Emerson Network Power 2460 Datasheet HTML 2Page - Emerson Network Power 2460 Datasheet HTML 3Page - Emerson Network Power 2460 Datasheet HTML 4Page - Emerson Network Power 2460 Datasheet HTML 5Page - Emerson Network Power 2460 Datasheet HTML 6Page - Emerson Network Power 2460 Datasheet HTML 7Page - Emerson Network Power 2460 Datasheet HTML 8Page - Emerson Network Power 2460 Datasheet HTML 9Page - Emerson Network Power Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
Efficient update of vital online tank data
The Rosemount 2460 System Hub is a data concentrator that continuously polls and stores data from field devices such as radar
level gauges, pressure and temperature devices. Measured and calculated data from one or more tanks is communicated via the
Rosemount 2410 Tank Hub to the system hub buffer memory. Whenever a request is received, the system hub can immediately
send data from a group of tanks to a TankMaster PC or a host.
The system hub also supports connection of other tank gauging instruments such as TankRadar™ Pro and TankRadar Rex gauges. In
addition, it can be used to connect devices from other vendors, such as Honeywell® Enraf, Whessoe, etc.
Figure 1: System Overview
Rosemount TankRad
ar
FBM 2180
Lo - GAIN - Hi
On - TERM - Off
C
A
H
E
I
H
F
B
D
G
J
L
K
M
A. TankMaster PC
B. Host System
C. Modem
D. Modbus RTU
E. Rosemount 2460 System Hub
F. Modbus® RTU/TCP
G. Fieldbus
H. Rosemount 2410 Tank Hub
I. Tankbus
J. Rosemount 2240S Multi-input Temperature Transmitter
K. Rosemount 5900S Radar Level Gauge
L. Rosemount 2230 Graphical Field Display
M. Rosemount 3051S Pressure Transmitter
Contents
Efficient update of vital online tank data............................................................................................................................................ 2
Ordering information........................................................................................................................................................................ 7
Specifications.................................................................................................................................................................................. 13
Product certifications...................................................................................................................................................................... 20
Dimensional drawings..................................................................................................................................................................... 21
Rosemount 2460
May 2020
2
Emerson.com/Rosemount



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24