| Moteur de recherche de fiches techniques de composants électroniques |
|
2460 Fiches technique(PDF) 10 Page - Emerson Network Power |
|
|
|||||||||||||||||||||||||||||
2460 Fiches technique(HTML) 10 Page - Emerson Network Power |
|
10 / 24 page ![]() Table 1: Rosemount 2460 System Hub Ordering Information (continued) HR TRL2 Modbus, host communication H4 RS485 Modbus, host communication Port 7, host communication (serial port) 00(10) None TR TRL2 Modbus communication to TankMaster T2 RS232 Modbus communication to TankMaster T4 RS485 Modbus communication to TankMaster HE(11) Enraf CIU 858 emulation (RS232) H8(11) Enraf CIU 858 emulation (RS485) HR TRL2 Modbus communication to host/DCS H2 RS232 Modbus communication to host/DCS H4 RS485 Modbus communication to host/DCS Port 8, host communication (serial port) TR TRL2 Modbus communication to TankMaster T2 RS232 Modbus communication to TankMaster T4 RS485 Modbus communication to TankMaster OPC host communication (Ethernet) 00 None Modbus TCP host communication (Ethernet) 00 None MT TankMaster TCP connection. Two TankMaster clients can connect. M1(12)(5) 1 Modbus TCP client M5(12)(5) 1-5 Modbus TCP clients Power supply P 100-250 VAC 50/60 Hz, 24-48 VDC Custody transfer type approval(13) R OIML R85 edition 2008 A CMI (Czech Republic) C PTB Eich (Germany) I Ministero (Italy) L LNE (France) N NMi (The Netherlands) O ONML (Algeria) T ANM (Tunisia) 0 None Rosemount 2460 May 2020 10 Emerson.com/Rosemount |