Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74VCX163245LBR Fiches technique(PDF) 13 Page - STMicroelectronics

No de pièce 74VCX163245LBR
Description  16-BIT DUAL SUPPLY BUS TRANSCEIVER LEVEL TRANSLATOR
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

74VCX163245LBR Fiches technique(HTML) 13 Page - STMicroelectronics

Back Button 74VCX163245LBR Datasheet HTML 7Page - STMicroelectronics 74VCX163245LBR Datasheet HTML 8Page - STMicroelectronics 74VCX163245LBR Datasheet HTML 9Page - STMicroelectronics 74VCX163245LBR Datasheet HTML 10Page - STMicroelectronics 74VCX163245LBR Datasheet HTML 11Page - STMicroelectronics 74VCX163245LBR Datasheet HTML 12Page - STMicroelectronics 74VCX163245LBR Datasheet HTML 13Page - STMicroelectronics 74VCX163245LBR Datasheet HTML 14Page - STMicroelectronics 74VCX163245LBR Datasheet HTML 15Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
74VCX163245
13/15
DIM.
mm.
mils
MIN.
TYP
MAX.
MIN.
TYP.
MAX.
A
3.90
4.10
153.5
161.4
B
3.40
3.60
133.9
141.7
C
1.07
1.16
42.1
45.6
D
0.3
11.8
E
0.5
19.7
F
0.78
0.86
30.7
33.9
µFBGA42 MECHANICAL DATA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15