Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74VCX163245LBR Fiches technique(PDF) 12 Page - STMicroelectronics

No de pièce 74VCX163245LBR
Description  16-BIT DUAL SUPPLY BUS TRANSCEIVER LEVEL TRANSLATOR
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

74VCX163245LBR Fiches technique(HTML) 12 Page - STMicroelectronics

Back Button 74VCX163245LBR Datasheet HTML 7Page - STMicroelectronics 74VCX163245LBR Datasheet HTML 8Page - STMicroelectronics 74VCX163245LBR Datasheet HTML 9Page - STMicroelectronics 74VCX163245LBR Datasheet HTML 10Page - STMicroelectronics 74VCX163245LBR Datasheet HTML 11Page - STMicroelectronics 74VCX163245LBR Datasheet HTML 12Page - STMicroelectronics 74VCX163245LBR Datasheet HTML 13Page - STMicroelectronics 74VCX163245LBR Datasheet HTML 14Page - STMicroelectronics 74VCX163245LBR Datasheet HTML 15Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 12 / 15 page
background image
74VCX163245
12/15
DIM.
mm.
mils
MIN.
TYP
MAX.
MIN.
TYP.
MAX.
A
1.2
47.2
A1
0.25
9.8
A2
0.85
33.5
B
0.45
0.55
17.7
21.7
D
7.9
8.1
311.0
318.9
D1
6.4
252.0
E
5.4
5.5
5.6
212.6
216.5
220.5
E1
4
157.5
e
0.8
31.5
SE
0.4
15.7
TFBGA54 MECHANICAL DATA
0051434/E



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15