| Moteur de recherche de fiches techniques de composants électroniques |
|
PCF8536AT Fiches technique(PDF) 48 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PCF8536AT Fiches technique(HTML) 48 Page - NXP Semiconductors |
|
48 / 54 page ![]() PCA85233 All information provided in this document is subject to legal disclaimers. © NXP B.V. 2018. All rights reserved. Product data sheet Rev. 5 — 12 November 2018 48 of 54 NXP Semiconductors PCA85233 Automotive 80 × 4 LCD driver for low multiplex rates 20. Abbreviations 21. References [1] AN10170 — Design guidelines for COG modules with NXP monochrome LCD drivers [2] AN10706 — Handling bare die [3] AN10853 — ESD and EMC sensitivity of IC [4] AN11267 — EMC and system level ESD design guidelines for LCD drivers [5] AN11494 — Cascading NXP LCD segment drivers [6] IEC 60134 — Rating systems for electronic tubes and valves and analogous semiconductor devices [7] IEC 61340-5 — Protection of electronic devices from electrostatic phenomena [8] JESD22-A114 — Electrostatic Discharge (ESD) Sensitivity Testing Human Body Model (HBM) [9] JESD22-A115 — Electrostatic Discharge (ESD) Sensitivity Testing Machine Model (MM) [10] JESD78 — IC Latch-Up Test [11] JESD625-A — Requirements for Handling Electrostatic-Discharge-Sensitive (ESDS) Devices [12] UM10204 — I2C-bus specification and user manual [13] UM10569 — Store and transport requirements Table 29. Abbreviations Acronym Description CMOS Complementary Metal-Oxide Semiconductor COG Chip-On-Glass DC Direct Current HBM Human Body Model I2C Inter-Integrated Circuit IC Integrated Circuit ITO Indium Tin Oxide LCD Liquid Crystal Display MM Machine Model RAM Random Access Memory RC Resistance-Capacitance RMS Root Mean Square |