Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PCF8536AT Fiches technique(PDF) 45 Page - NXP Semiconductors

No de pièce PCF8536AT
Description  Automotive 80 횞 4 LCD driver for low multiplex rates
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF8536AT Fiches technique(HTML) 45 Page - NXP Semiconductors

Back Button PCF8536AT Datasheet HTML 41Page - NXP Semiconductors PCF8536AT Datasheet HTML 42Page - NXP Semiconductors PCF8536AT Datasheet HTML 43Page - NXP Semiconductors PCF8536AT Datasheet HTML 44Page - NXP Semiconductors PCF8536AT Datasheet HTML 45Page - NXP Semiconductors PCF8536AT Datasheet HTML 46Page - NXP Semiconductors PCF8536AT Datasheet HTML 47Page - NXP Semiconductors PCF8536AT Datasheet HTML 48Page - NXP Semiconductors PCF8536AT Datasheet HTML 49Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 54 page
background image
PCA85233
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2018. All rights reserved.
Product data sheet
Rev. 5 — 12 November 2018
45 of 54
NXP Semiconductors
PCA85233
Automotive 80 × 4 LCD driver for low multiplex rates
Table 27.
Specification of 3 inch tray details
Tray details are shown in Figure 29. Nominal values without production tolerances.
Tray details
Dimensions
A
B
CDE
F
G
HJ
K
L
M
N
O
Unit
6.0
2.5
4.26
1.17
76.0
68.0
60.0
6.75
8.0
62.5
4.2
2.6
3.2
0.48
mm
Number of pockets
x direction
y direction
11
26
The orientation of the IC in a pocket with active side up is indicated by the position of pin 1 with
respect to the chamfer on the upper left corner of the tray.
Fig 30. Die alignment in the tray



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54