| Moteur de recherche de fiches techniques de composants électroniques |
|
ADAR2004ACCZ-R7 Fiches technique(PDF) 3 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADAR2004ACCZ-R7 Fiches technique(HTML) 3 Page - Analog Devices |
|
3 / 37 page ![]() Data Sheet ADAR2004 Rev. 0 | Page 3 of 37 SPECIFICATIONS VPOS1, VPOS2, VPOS4 = 2.5 V, VPOS3 = VREG, and TA = −40°C to +85°C, unless otherwise noted. Table 1. Parameter Test Conditions/Comments Min Typ Max Unit OVERALL PERFORMANCE Input Power for 1 dB Compression (P1dB) Minimum gain −20 dBm Maximum gain −36 dBm Input Third-Order Intercept (IP3) Minimum gain, −50 dBm per tone −11 dBm Maximum gain, −50 dBm per tone −25 dBm Noise Figure Minimum gain 11 dB Maximum gain 9 dB Gain Minimum gain 21 dB Maximum gain 41 dB Gain Step 2.9 dB Gain Flatness vs. RF Input Frequency 2 dB Gain Change vs. Temperature −0.05 dB/°C RF INPUT Frequency Range 10 40 GHz Differential Input Impedance 100 Ω Return Loss 10 GHz to 40 GHz −11 dB IF OUTPUT Frequency Range 0 800 MHz Bandwidth 3 dB bandwidth, maximum gain 800 MHz Differential Output Impedance 100 Ω Peak-to-Peak Output Voltage Swing At P1dB point, minimum gain 1.125 V At P1dB point, maximum gain 0.632 V Return Loss −20 dB Amplitude Settling time <1 dB 5 ns Output Common-Mode Voltage (VOCM) Minimum 0.65 V Maximum 1.2 V LO INPUT Frequency Range 2.4 10.1 GHz Power Range −25 −20 −10 dBm Impedance 50 Ω Return Loss −12 dB STATE MACHINES AND TIMING Minimum Pulse Width MADV, MRST 3 ns RxADV, RxRST 3 ns Minimum Pulse Separation Pulse start to pulse start MADV, MRST 10 ns RxADV, RxRST 10 ns Switching Frequency Using ready mode 100 MHz Switching Time Multiplier Band Sleep to Active 50 ns Multiplier Band Switch Using ready mode 10 ns Receiver Sleep to Active 50 ns DIGITAL INPUT LOGIC LEVELS Logic Low 0 0.3 V Logic High 1 1.8 V |