| Moteur de recherche de fiches techniques de composants électroniques |
|
PCF8563 Fiches technique(PDF) 64 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PCF8563 Fiches technique(HTML) 64 Page - NXP Semiconductors |
|
64 / 65 page ![]() PCF85063A All information provided in this document is subject to legal disclaimers. © NXP Semiconductors N.V. 2018. All rights reserved. Product data sheet Rev. 7 — 30 March 2018 64 of 65 NXP Semiconductors PCF85063A Tiny Real-Time Clock/calendar with alarm function and I2C-bus 27. Figures Fig 1. Block diagram of PCF85063A . . . . . . . . . . . . . . . .3 Fig 2. Pin configuration for SO8 (PCF85063AT) . . . . . . .4 Fig 3. Pin configuration for DFN2626-10 (PCF85063ATL) . . . . . . . . . . . . . . . . . . . . . . . . . . .4 Fig 4. Pin configuration for TSSOP8 (PCF85063ATT). . .4 Fig 5. Handling address registers . . . . . . . . . . . . . . . . . .6 Fig 6. STOP bit functional diagram . . . . . . . . . . . . . . . .10 Fig 7. STOP bit release timing . . . . . . . . . . . . . . . . . . . . 11 Fig 8. Software reset command . . . . . . . . . . . . . . . . . . .12 Fig 9. Interrupt scheme . . . . . . . . . . . . . . . . . . . . . . . . .14 Fig 10. INT example for MI . . . . . . . . . . . . . . . . . . . . . . .15 Fig 11. Offset calibration calculation workflow . . . . . . . . .20 Fig 12. Result of offset calibration . . . . . . . . . . . . . . . . . .21 Fig 13. OS flag . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .22 Fig 14. Data flow for the time function . . . . . . . . . . . . . . .25 Fig 15. Access time for read/write operations . . . . . . . . .26 Fig 16. Alarm function block diagram. . . . . . . . . . . . . . . .29 Fig 17. General countdown timer behavior . . . . . . . . . . .31 Fig 18. Bit transfer . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .33 Fig 19. Definition of START and STOP conditions. . . . . .33 Fig 20. System configuration . . . . . . . . . . . . . . . . . . . . . .34 Fig 21. Acknowledgement on the I2C-bus . . . . . . . . . . . .34 Fig 22. Master transmits to slave receiver (WRITE mode) . . . . . . . . . . . . . . . . . . . . . . . . . . .35 Fig 23. Master reads after setting register address (write register address; READ data) . . . . . . . . . .36 Fig 24. Device diode protection diagram of PCF85063A.37 Fig 25. Typical IDD with respect to fSCL . . . . . . . . . . . . . .40 Fig 26. Typical IDD as a function of temperature . . . . . . .41 Fig 27. Typical IDD with respect to VDD . . . . . . . . . . . . . .42 Fig 28. IDD with respect to quartz RS . . . . . . . . . . . . . . . .43 Fig 29. Oscillator frequency variation with respect to VDD. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .43 Fig 30. I2C-bus timing diagram; rise and fall times refer to 30 % and 70 % . . . . . . . . . . . . . . . . . . . .45 Fig 31. Application diagram for PCF85063A . . . . . . . . . .46 Fig 32. Package outline SOT96-1 (SO8) of PCF85063AT . . . . . . . . . . . . . . . . . . . . . . . . . . . .47 Fig 33. Package outline SOT1197-1 (DFN2626-10) of PCF85063ATL . . . . . . . . . . . . . . . . . . . . . . . . . . .48 Fig 34. Package outline SOT505-1 (TSSOP8) of PCF85063ATT . . . . . . . . . . . . . . . . . . . . . . . . . . .49 Fig 35. Temperature profiles for large and small components . . . . . . . . . . . . . . . . . . . . . . . . . . . . .53 Fig 36. Footprint information for reflow soldering of SOT96-1 (SO8) of PCF85063AT . . . . . . . . . . . . .53 Fig 37. Footprint information for reflow soldering of SOT1197-1 (DFN2626-10) of PCF85063ATL . . .54 Fig 38. Footprint information for reflow soldering of SOT505-1 (TSSOP8) of PCF85063ATT . . . . . . .55 |