| Moteur de recherche de fiches techniques de composants électroniques |
|
PCF8563 Fiches technique(PDF) 46 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PCF8563 Fiches technique(HTML) 46 Page - NXP Semiconductors |
|
46 / 65 page ![]() PCF85063A All information provided in this document is subject to legal disclaimers. © NXP Semiconductors N.V. 2018. All rights reserved. Product data sheet Rev. 7 — 30 March 2018 46 of 65 NXP Semiconductors PCF85063A Tiny Real-Time Clock/calendar with alarm function and I2C-bus 14. Application information The data sheet values were obtained using a crystal with an ESR of 60 k . If a crystal with an ESR of 70 k is used then the power consumption would increase by a few nA and the start-up time will increase slightly. A 1 farad super capacitor combined with a low VF diode can be used as a standby or back-up supply. With the RTC in its minimum power configuration that is, timer off and CLKOUT off, the RTC may operate for weeks. (1) R1 limits the inrush current to the super capacitor at power-on. (2) NXP recommends tying VDD of the device and VDD of all the external pull-up resistors to the same Power Supply. (3) NXP also recommends the customer place accessible 'Pads/TP-test point' on the layout so as to enable a 'hard'' grounding of the power supply VDD in the event a full discharge cannot be attained. Fig 31. Application diagram for PCF85063A PCF85063A MASTER TRANSMITTER/ RECEIVER OSCI OSCO VSS SDA R aaa-004438 R SCL SDA (I2C-bus) SCL SDA SCL INT VDD CLKOE VDD(2) R1(1) 100 nF R: pull-up resistor R = tr Cb CLKOUT 1 F TP(3) VDD(2) |