| Moteur de recherche de fiches techniques de composants électroniques |
|
IIS2DLPC Fiches technique(PDF) 37 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
IIS2DLPC Fiches technique(HTML) 37 Page - STMicroelectronics |
|
37 / 69 page ![]() DocID031788 Rev 4 37/69 IIS2DLPC Digital main blocks 69 5.4.5 Bypass-to-Continuous mode In Bypass-to-Continuous mode (FIFO_CTRL (2Eh)(FMode[2:0] = '100'), data measurement storage inside FIFO starts in Continuous mode upon an internal trigger event, then the sample that follows the trigger is available in FIFO. The trigger could be a single or double tap, wake-up, free-fall, 6D interrupt or any combination of these events, but every interrupt has to be routed on the corresponding pad to be used as a trigger. Figure 13. Bypass-to-Continuous mode Figure 14. Trigger event to FIFO for Bypass-to-Continuous mode x0 y z0 y0 x1 y1 z1 x2 y2 z2 x31 y31 z31 xi,yi,zi empty Bypass Mode Continuous Mode Trigger event x0 y0 z0 x1 y1 z1 x2 y2 z2 x31 y31 z31 xi,yi,zi x30 y30 z30 |