Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

IIS2DLPC Fiches technique(PDF) 64 Page - STMicroelectronics

No de pièce IIS2DLPC
Description  MEMS digital output motion sensor: high-performance ultra-low-power 3-axis accelerometer for industrial applications
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

IIS2DLPC Fiches technique(HTML) 64 Page - STMicroelectronics

Back Button IIS2DLPC Datasheet HTML 60Page - STMicroelectronics IIS2DLPC Datasheet HTML 61Page - STMicroelectronics IIS2DLPC Datasheet HTML 62Page - STMicroelectronics IIS2DLPC Datasheet HTML 63Page - STMicroelectronics IIS2DLPC Datasheet HTML 64Page - STMicroelectronics IIS2DLPC Datasheet HTML 65Page - STMicroelectronics IIS2DLPC Datasheet HTML 66Page - STMicroelectronics IIS2DLPC Datasheet HTML 67Page - STMicroelectronics IIS2DLPC Datasheet HTML 68Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 69 page
background image
Register description
IIS2DLPC
64/69
DocID031788 Rev 4
8.32
X_OFS_USR (3Ch)
Table 88. X_OFS_USR register
Table 89. X_OFS_USR register description
8.33
Y_OFS_USR (3Dh)
Table 90. Y_OFS_USR register
Table 91. Y_OFS_USR register description
8.34
Z_OFS_USR (3Eh)
Table 92. Z_OFS_USR register
Table 93. Z_OFS_USR register description
X_OFS_
USR_7
X_OFS_
USR_6
X_OFS_
USR_5
X_OFS_
USR_4
X_OFS_
USR_3
X_OFS_
USR_2
X_OFS_
USR_1
X_OFS_
USR_0
X_OFS_USR_[7:0] Two's complement user offset value on X-axis data, used for wakeup function.
Y_OFS_
USR_7
Y_OFS_
USR_6
Y_OFS_
USR_5
Y_OFS_
USR_4
Y_OFS_
USR_3
Y_OFS_
USR_2
Y_OFS_
USR_1
Y_OFS_
USR_0
Y_OFS_USR_[7:0]
Two's complement user offset value on Y-axis data, used for wakeup function.
Z_OFS_
USR_7
Z_OFS_
USR_6
Z_OFS_
USR_5
Z_OFS_
USR_4
Z_OFS_
USR_3
Z_OFS_
USR_2
Z_OFS_
USR_1
Z_OFS_
USR_0
Z_OFS_USR_[7:0]
Two's complement user offset value on Z-axis data, used for wakeup function.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69