Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MGC3140 Fiches technique(PDF) 36 Page - Microchip Technology

No de pièce MGC3140
Description  MGC3140 3D Tracking and Gesture Controller Data Sheet
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MGC3140 Fiches technique(HTML) 36 Page - Microchip Technology

Back Button MGC3140 Datasheet HTML 32Page - Microchip Technology MGC3140 Datasheet HTML 33Page - Microchip Technology MGC3140 Datasheet HTML 34Page - Microchip Technology MGC3140 Datasheet HTML 35Page - Microchip Technology MGC3140 Datasheet HTML 36Page - Microchip Technology MGC3140 Datasheet HTML 37Page - Microchip Technology MGC3140 Datasheet HTML 38Page - Microchip Technology MGC3140 Datasheet HTML 39Page - Microchip Technology MGC3140 Datasheet HTML 40Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 49 page
background image
9.
Development Support
Microchip provides software and hardware development tools for the MGC3140:
•
Software:
–
Aurea Software Package
–
MGC3140 Linux Driver
•
Schematics:
–
GestIC Hardware References
9.1
Aurea Software Package
The Aurea evaluation software demonstrates Microchip’s GestIC technology and its features and
applications. Aurea provides visualization of the MGC3140 generated data and access to GestIC Library
controls and configuration parameters.
That contains the following:
•
Visualization of hand position and user gestures
•
Visualization of sensor data
•
Real-time control of sensor features
•
MGC3140 GestIC Library update
•
Analog front-end parameterization
•
Advanced sensor parameterization
•
Logging of sensor values and storage in a log file
9.2
MGC3140 Linux Driver
Microchip provides a reference Linux driver which is available on: https://github.com/MicrochipTech/
linux_at91_GestIC.
9.3
GestIC Hardware References
The GestIC Hardware References package contains the PCB Layouts (Gerber files) for the MGC
development kits (Emerald, Hillstar and Woodstar) and a collection of electrode reference designs fitting
all kits. In addition, the package includes designs, parameter files and host code of various demonstrators
which represent complete systems for embedded or PC-based applications. The GestIC Hardware
Reference package can be downloaded from Microchip’s website via www.microchip.com/
GestICResources.
9.4
Evaluation Kits
For the complete list of demonstration, development and evaluation kits, refer to the Microchip website:
www.microchip.com/wwwproducts/en/mgc3140.
MGC3140
Development Support
© 2018 Microchip Technology Inc.
DS40002037A-page 36



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49