| Moteur de recherche de fiches techniques de composants électroniques |
|
MGC3140 Fiches technique(PDF) 25 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MGC3140 Fiches technique(HTML) 25 Page - Microchip Technology |
|
25 / 49 page ![]() Table 6-1. Operation Modes Summary Mode Entry Exit Comments Processing I2C/Approach/ MCLR/WDTR/SW Reset GestIC ® Library Message/ Non- Activity Time-out/ WDTR Processing mode with up to five electrodes continuously running Full positioning and Gesture Recognition capabilities Wake-up on Approach Hand not present Time-out/GestIC ® Library Message I2C Message/ MCLR/WDTR/ Hand Detected Scan phase with a configurable number of Rx active channels, wake-up timer is used to resume the system Approach detection capability Fast wake-up time Very low-power consumption Deep Sleep GestIC ® Library Message I2C Message/ MCLR SPU halted, Watchdog OFF No positioning or gesture detection Extreme low-power consumption: Needs trigger from application host to switch into Wake-up on Approach or Processing mode MGC3140 Functional Description © 2018 Microchip Technology Inc. DS40002037A-page 25 |