Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

M1E2G8I80-R Fiches technique(PDF) 2 Page - Silicom Ltd.

No de pièce M1E2G8I80-R
Description  Eight Port Copper Gigabit Ethernet Express Module Server Adapter
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SILICOM [Silicom Ltd.]
Site Internet  https://www.silicom-usa.com/
Logo SILICOM - Silicom Ltd.

M1E2G8I80-R Fiches technique(HTML) 2 Page - Silicom Ltd.

  M1E2G8I80-R Datasheet HTML 1Page - Silicom Ltd. M1E2G8I80-R Datasheet HTML 2Page - Silicom Ltd. M1E2G8I80-R Datasheet HTML 3Page - Silicom Ltd. M1E2G8I80-R Datasheet HTML 4Page - Silicom Ltd. M1E2G8I80-R Datasheet HTML 5Page - Silicom Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Silicom Ltd. Connectivity Solutions
Page
2
Performance Features:
Supports Intel I/O ® Acceleration Technology v3.0
Stateless offloads ( header split, RSS)
Direct Cache access
UDP, TCP, and IP Checksum offload
UDP and TCP transmit checksum offload
SCTP receive and transmit checksum offload
Virtualization Ready:
8 Transmit and Receive queues per port
Support up to 8 VMs per port ( 1 queue allocated to each VM)
Packet interrupt coalescing timers (packet timers) and absolute- delay interrupt timers for both transmit and receive operation
Common Key features:
PCI Express ExpressModule Electromechanical Specification Revision 1.0
PCI Express Base Specification 2.0 (5 GTs)
High performance, reliability, and low power use in Intel 82580 Quad integrated MAC + PHY and SERDES chip Controllers
Hardware acceleration that can offload tasks from the host processor. The Controllers can offload TCP/UDP/IP checksum
calculations and TCP segmentation
Server class reliability, availability and performance features
Link Aggregation and Load Balancing
Switch dependent: 802.3ad (LACP), Generic Trunking ( GEC / FEC)
Switch and NIC Independent
Failover
Priority queuing
– 802.1p layer 2 priority encoding
Virtual LANs
–802.1q VLAN tagging
Jumbo Frame (9.5KB)
802.x flow control
Multicast/ broadcast Packet replication on receive
Statistics for SNMP MIB II, Ethernet like MIB, and Ethernet MIB (802.3z, Clause 30)
Supports Vital Product Data (VPD)
Supports End to End CRC (ECRC)
Supports Latency Tolerance Reporting (LTR)
LEDs indicators for link/Activity status
Hot Plug not supported. Can be supported by assembly change



Html Pages

1 2 3 4 5