Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

M1E2G8I80-R Fiches technique(PDF) 5 Page - Silicom Ltd.

No de pièce M1E2G8I80-R
Description  Eight Port Copper Gigabit Ethernet Express Module Server Adapter
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SILICOM [Silicom Ltd.]
Site Internet  https://www.silicom-usa.com/
Logo SILICOM - Silicom Ltd.

M1E2G8I80-R Fiches technique(HTML) 5 Page - Silicom Ltd.

  M1E2G8I80-R Datasheet HTML 1Page - Silicom Ltd. M1E2G8I80-R Datasheet HTML 2Page - Silicom Ltd. M1E2G8I80-R Datasheet HTML 3Page - Silicom Ltd. M1E2G8I80-R Datasheet HTML 4Page - Silicom Ltd. M1E2G8I80-R Datasheet HTML 5Page - Silicom Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Silicom Ltd. Connectivity Solutions
Page
5
Turns on link (Green),
Blinks on activity (Green)
Right LED : Link Speed:
Turns on Yellow 1G Link.
Turns on Green 100M Link
LEDs location:
LEDs are integrated with the RJ-45 connector. Each port has 2 Leds: one in each side: left:
link-act, right: speed
Connectors:
(1) Shielded Octal RJ-45 4X2
Order Information
P/N
Description
Notes
M1E2G8I80-R
Eight Port Copper Gigabit Ethernet ExpressModule
Server Adapter
X8, Based on Intel 82580EB, PCI-E
ExpressModule, RoHS compliant
-R: RoHS Compliant / Lead free adapter
Advanced features may require driver software support
1V1



Html Pages

1 2 3 4 5