Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

M1E2G4BPI35-SD-R Fiches technique(PDF) 6 Page - Silicom Ltd.

No de pièce M1E2G4BPI35-SD-R
Description  Quad Port Copper Gigabit Ethernet Express Module Bypass Server Adapter
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SILICOM [Silicom Ltd.]
Site Internet  https://www.silicom-usa.com/
Logo SILICOM - Silicom Ltd.

M1E2G4BPI35-SD-R Fiches technique(HTML) 6 Page - Silicom Ltd.

  M1E2G4BPI35-SD-R Datasheet HTML 1Page - Silicom Ltd. M1E2G4BPI35-SD-R Datasheet HTML 2Page - Silicom Ltd. M1E2G4BPI35-SD-R Datasheet HTML 3Page - Silicom Ltd. M1E2G4BPI35-SD-R Datasheet HTML 4Page - Silicom Ltd. M1E2G4BPI35-SD-R Datasheet HTML 5Page - Silicom Ltd. M1E2G4BPI35-SD-R Datasheet HTML 6Page - Silicom Ltd. M1E2G4BPI35-SD-R Datasheet HTML 7Page - Silicom Ltd.  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Silicom Ltd. Connectivity Solutions
Page
6
Turns on Green 100M Link
Turn off on 10M link
Blink Yellow on Disconnect
Blink Green on Bypass
LEDs location:
LEDs are located on the PCB, visible via holes in the metal bracket. Each Green Bypass/Disc
and Bi-Color Act/Link LEDs are located above their own RJ45 connector port
Connectors:
(1) Shielded quad RJ-45
Functional Description
Silicom’s Quad Port Bypass adapter supports Normal, Bypass and Disconnect modes. In Normal mode, the ports are independent
interfaces (see Figure 1: Normal mode, one Bypass pair is illustrated)
Figure 1: Normal Mode Functional Block Diagram
In Bypass mode, the connections of the Ethernet network ports are disconnected from the interfaces and switched over to the other
port to create a crossed connection loop-back between the Ethernet ports. The connections of the interfaces are left unconnected.
(See Figure 2: one Bypass pair illustrated)
Figure 2: Bypass Mode Functional Block Diagram



Html Pages

1 2 3 4 5 6 7