Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

M1E2G4BPI35-SD-R Fiches technique(PDF) 3 Page - Silicom Ltd.

No de pièce M1E2G4BPI35-SD-R
Description  Quad Port Copper Gigabit Ethernet Express Module Bypass Server Adapter
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SILICOM [Silicom Ltd.]
Site Internet  https://www.silicom-usa.com/
Logo SILICOM - Silicom Ltd.

M1E2G4BPI35-SD-R Fiches technique(HTML) 3 Page - Silicom Ltd.

  M1E2G4BPI35-SD-R Datasheet HTML 1Page - Silicom Ltd. M1E2G4BPI35-SD-R Datasheet HTML 2Page - Silicom Ltd. M1E2G4BPI35-SD-R Datasheet HTML 3Page - Silicom Ltd. M1E2G4BPI35-SD-R Datasheet HTML 4Page - Silicom Ltd. M1E2G4BPI35-SD-R Datasheet HTML 5Page - Silicom Ltd. M1E2G4BPI35-SD-R Datasheet HTML 6Page - Silicom Ltd. M1E2G4BPI35-SD-R Datasheet HTML 7Page - Silicom Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Silicom Ltd. Connectivity Solutions
Page
3
Packet interrupt coalescing timers (packet timers) and absolute-delay interrupt timers for both transmit and receive operation
EEE (IEEE 802.3az) for reduced power consumption during low link utilization periods
Common Key features:
PCI Express ExpressModule Electromechanical Specification Revision 1.0
Support PCI Express Base Specification 2.1 (5 GTs)
High performance, reliability, and low power use in Intel i350 Quad integrated MAC + PHY and SERDES chip Controllers
Ultra deep, packet buffer per channel lowers CPU utilization
Hardware acceleration that can offload tasks from the host processor. The Controllers can offload TCP/UDP/IP checksum
calculations and TCP segmentation
Server class reliability, availability and performance features:
Link Aggregation and Load Balancing
Priority queuing
– 802.1p layer 2 priority encoding
Virtual LANs
–802.1q VLAN tagging
Jumbo Frame (9.5KB)
802.x flow control
Multicast/ broadcast Packet replication
Supports Vital Product Data (VPD)
LEDs indicators for link/Activity Mode status
Hot Plug not supported. Can be supported by assembly change
LEDs indicators for link/Activity/Bypass Mode status
Technical Specifications
Bypass Specifications
WDT Interval (Software
Programmable):
3,276,800 mSec (3,276.8 Sec): Maximum
100 mSec ( 0.1 Sec) : Minimum
WDT Interval = (2^wdt_interval_parameter)*(0.1) sec.
wdt_interval_parameter: { Valid Range: 0-15}
Copper Gigabit Ethernet Technical Specifications
– (1000Base-T) Adapters:
IEEE Standard / Network
topology:
Gigabit Ethernet, 1000Base-T
Fast Ethernet, 100Base-TX
Ethernet, 10Base-T
Full duplex / Simplex
Support both Simplex & Full duplex operation in all operating speeds



Html Pages

1 2 3 4 5 6 7