Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SAMA5D27 Fiches technique(PDF) 49 Page - Microchip Technology

No de pièce SAMA5D27
Description  SAMA5D27 MPU, 1Gbit (128MB) DDR2 SDRAM, 10/100 Ethernet PHY, 64Mbit (8MB) Flash, Power Management IC, 1Kbit EEPROM
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SAMA5D27 Fiches technique(HTML) 49 Page - Microchip Technology

Back Button SAMA5D27 Datasheet HTML 45Page - Microchip Technology SAMA5D27 Datasheet HTML 46Page - Microchip Technology SAMA5D27 Datasheet HTML 47Page - Microchip Technology SAMA5D27 Datasheet HTML 48Page - Microchip Technology SAMA5D27 Datasheet HTML 49Page - Microchip Technology SAMA5D27 Datasheet HTML 50Page - Microchip Technology SAMA5D27 Datasheet HTML 51Page - Microchip Technology SAMA5D27 Datasheet HTML 52Page - Microchip Technology SAMA5D27 Datasheet HTML 53Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 55 page
background image
The SAMA5D27 SOM1 can be soldered to the host PCB by using the standard and lead-free solder reflow profile. To
avoid damage to the module, follow the JEDEC recommendations as well as those listed below:
• Do not exceed the peak temperature (Tp) of 245ºC.
• Refer to the solder paste data sheet for specific reflow profile recommendations.
• Use no-clean flux solder paste.
• Use only one flow. If the PCB requires multiple flows, mount the module at the time of the final flow.
Figure 11-1. Reflow Profile Example used for Soldering SAMA5D27 SOM1 Module on SAMA5D27-SOM1-EK1
Board
IPC-020e-5-1
Tc -5°C
t
Max. Ramp Up Rate = 3°C/s
Max. Ramp Down Rate = 6°C/s
Preheat Area
Tsmax
Tsmin
ts
Tp
TL
Time
25
Time 25°C to Peak
Supplier Tp > Tc
-
Supplier tp
Tc
User Tp < Tc
-
User tp
Tc -5°C
tp
L
Profile Feature
J-STD-020E Profile
Temperature Min
Tsmin
150°C
Temperature Max
Tsmax
200°C
Temperature Rise
ts (from Tsmin to Tsmax)
60 to 120 seconds
Ramp-up Rate
TL to Tp
3°C/sec.max
Liquidous Temperature Time maintained above 217°C
TL
60 to 150 seconds
Peak Temperature
Tp
245°C
Time (tp) within 5°C of the specified classification temperature (Tc)
30 seconds
Ramp-down rate
Tp to TL
6°C/second max
Time 25°C to peak temperature
8 minutes max
SAMA5D27 SOM1
Production Settings
© 2020 Microchip Technology Inc.
Datasheet
DS60001521D-page 49



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55