Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SAMA5D27 Fiches technique(PDF) 39 Page - Microchip Technology

No de pièce SAMA5D27
Description  SAMA5D27 MPU, 1Gbit (128MB) DDR2 SDRAM, 10/100 Ethernet PHY, 64Mbit (8MB) Flash, Power Management IC, 1Kbit EEPROM
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SAMA5D27 Fiches technique(HTML) 39 Page - Microchip Technology

Back Button SAMA5D27 Datasheet HTML 35Page - Microchip Technology SAMA5D27 Datasheet HTML 36Page - Microchip Technology SAMA5D27 Datasheet HTML 37Page - Microchip Technology SAMA5D27 Datasheet HTML 38Page - Microchip Technology SAMA5D27 Datasheet HTML 39Page - Microchip Technology SAMA5D27 Datasheet HTML 40Page - Microchip Technology SAMA5D27 Datasheet HTML 41Page - Microchip Technology SAMA5D27 Datasheet HTML 42Page - Microchip Technology SAMA5D27 Datasheet HTML 43Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 55 page
background image
7.
Booting Guidelines
This section provides an overview of how to program a Non-Volatile Memory (NVM) and boot from it.
The SAMA5D27 SOM1 embeds a Quad I/O Flash Memory as a source for boot. Another type of NVM may be
located on the motherboard. This section explains how to program, select and boot from an NVM.
7.1
Boot Process
The system always boots from the ROM memory at address 0x0. The ROM code is a boot program contained in the
embedded ROM. It is also called “First level bootloader”. The SAMA5D2 can be configured to run a Standard Boot
mode or a Secure Boot mode. More information on how the Secure Boot mode can be enabled, and how the chip
operates in this mode, is provided in the document SAMA5D2x Secure Boot Strategy. To obtain this application note
and additional information about the secure boot and related tools, contact a Microchip sales representative.
By default, the chip starts in Standard Boot Mode.
The ROM code standard sequence is executed as follows:
• Basic chip initialization: crystal or external clock frequency detection.
• Attempt to retrieve a valid code from external non-volatile memories (NVM).
• Execution of a monitor called SAM-BA® Monitor, in case no valid application has been found on any NVM (1).
Note: 
1.
This may be the case during the first start-up or after an NVM erase or when a "boot disable jumper" is used
on the memory Chip Select, in order to force an update.
7.2
Boot Configuration
The boot sequence is controlled using a Boot Configuration Word in the Fuse area or in the backup registers
BUREG.
For details, refer to the section “Boot Configuration” of the SAMA5D2 Data Sheet, document no. DS60001476.
7.3
NVM Programming
The SAMA5D27 SOM1 is delivered with SAM-BA® In-System Programmer, a comprehensive tool to program boot
memories.
In case the boot code does not find a valid program in NVM, the SAM-BA monitor is launched in order to program the
considered NVM.
The SAM-BA monitor principle is to:
• Initialize DBGU and USB.
• Check if USB Device enumeration occurred.
• Check if characters are received on the DBGU.
Once the communication interface is identified, the application runs in an infinite loop waiting for different commands.
The firmware can be sent and programmed in the NVM.
For more information, refer to the following link: www.at91.com/linux4sam/bin/view/Linux4SAM/
Sama5d2XplainedMainPage#Using_SAM_BA_to_flash_components.
7.4
Boot From External Memory
Several types of external memories such as NAND Flash, SDCard, SPI Flash, QSPI Flash, etc. can be connected to
the SAMA5D27 SOM1 and placed on the motherboard.
SAMA5D27 SOM1
Booting Guidelines
© 2020 Microchip Technology Inc.
Datasheet
DS60001521D-page 39



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55