| Moteur de recherche de fiches techniques de composants électroniques |
|
EKTF6708 Fiches technique(PDF) 3 Page - ELAN Microelectronics Corp |
|
|
|||||||||||||||||||||||||||||
EKTF6708 Fiches technique(HTML) 3 Page - ELAN Microelectronics Corp |
|
3 / 158 page ![]() Contents IC Product Specification (V1.2) 03.12.2020 iii Contents 1 General Description.........................................................................................1 2 Features ..........................................................................................................1 3 Pin Assignment................................................................................................2 3.1 Package: SOP 16 .............................................................................................2 4 Pin Description ................................................................................................4 5 System Overview.............................................................................................6 5.1 Memory Map.....................................................................................................6 5.2 Block Diagram ..................................................................................................7 6 Functional Description .....................................................................................8 6.1 Operational Registers .......................................................................................8 6.1.1 R0: IAR (Indirect Addressing Register) ............................................................8 6.1.2 R1: BSR (Bank Selection Control Register) .....................................................8 6.1.3 R2: PCL (Program Counter Low) .....................................................................9 6.1.4 R3: SR (Status Register) ................................................................................14 6.1.5 R4: RSR (RAM Select Register).....................................................................15 6.1.6 Bank 0 R5 ~ R7: (Port 5 ~ Port 7) ..................................................................15 6.1.7 Bank 0 R8 ~ RA: (Reserved) ..........................................................................15 6.1.8 Bank 0 RB~RD: (IOCR5 ~ IOCR7).................................................................15 6.1.9 Bank 0 RE: OMCR (Operating Mode Control Register) .................................15 6.1.10 Bank 0 RF: EIESCR (External Interrupt Edge Select Control Register) ........17 6.1.11 Bank 0 R10: WUCR1 (Wake-up Control Register 1)......................................18 6.1.12 Bank 0 R11: WUCR2 (Wake-up Control Register 2) ......................................18 6.1.13 Bank 0 R12: WUCR3 (Wake-up Control Register 3)......................................20 6.1.14 Bank 0 R13: (Reserved) .................................................................................20 6.1.15 Bank 0 R14: SFR1 (Status Flag Register 1) ..................................................20 6.1.16 Bank 0 R15: SFR2 (Status Flag Register 2) ..................................................21 6.1.17 Bank 0 R16: SFR3 (Status Flag Register 3) ..................................................21 6.1.18 Bank 0 R17: SFR4 (Status Flag Register 4) ..................................................22 6.1.19 Bank 0 R18: (Reserved) .................................................................................22 6.1.20 Bank 0 R19: SFR6 (Status Flag Register 6) ..................................................22 6.1.21 Bank 0 R1A: (Reserved).................................................................................23 6.1.22 Bank 0 R1B: IMR1 (Interrupt Mask Register 1)..............................................23 6.1.23 Bank 0 R1C: IMR2 (Interrupt Mask Register 2)..............................................24 6.1.24 Bank 0 R1D: IMR3 (Interrupt Mask Register 3)..............................................24 6.1.25 Bank 0 R1E: IMR4 (Interrupt Mask Register 4)..............................................25 |