Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM32F722VCK7TR Fiches technique(PDF) 98 Page - STMicroelectronics

No de pièce STM32F722VCK7TR
Description  Arm Cortex-M7 32b MCUFPU, 462DMIPS, up to 512KB Flash
PDF  229 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F722VCK7TR Fiches technique(HTML) 98 Page - STMicroelectronics

Back Button STM32F722VCK7TR Datasheet HTML 94Page - STMicroelectronics STM32F722VCK7TR Datasheet HTML 95Page - STMicroelectronics STM32F722VCK7TR Datasheet HTML 96Page - STMicroelectronics STM32F722VCK7TR Datasheet HTML 97Page - STMicroelectronics STM32F722VCK7TR Datasheet HTML 98Page - STMicroelectronics STM32F722VCK7TR Datasheet HTML 99Page - STMicroelectronics STM32F722VCK7TR Datasheet HTML 100Page - STMicroelectronics STM32F722VCK7TR Datasheet HTML 101Page - STMicroelectronics STM32F722VCK7TR Datasheet HTML 102Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 229 page
background image
Port H
PH8
-
-
-
-
I2C3_SDA
-
-
-
-
-
-
-
FMC_D16
EVEN
TOUT
PH9
-
-
-
-
I2C3_SMB
A
-
-
-
-
TIM12_CH2
-
-
FMC_D17
EVEN
TOUT
PH10
-
-
TIM5_CH1
-
-
-
-
-
-
-
-
-
FMC_D18
EVEN
TOUT
PH11
-
-
TIM5_CH2
-
-
-
-
-
-
-
-
-
FMC_D19
EVEN
TOUT
PH12
-
-
TIM5_CH3
-
-
-
-
-
-
-
-
-
FMC_D20
EVEN
TOUT
PH13
-
-
-
TIM8_CH1
N
-
-
-
-
UART4_TX
CAN1_TX
-
-
FMC_D21
EVEN
TOUT
PH14
-
-
-
TIM8_CH2
N
-
-
-
-
UART4_RX
CAN1_RX
-
-
FMC_D22
EVEN
TOUT
PH15
-
-
-
TIM8_CH3
N
-
-
-
-
-
-
-
-
FMC_D23
EVEN
TOUT
Port I
PI0
-
-
TIM5_CH4
-
-
SPI2_NSS
/I2S2_WS
-
-
-
-
-
-
FMC_D24
EVEN
TOUT
PI1
-
-
-
TIM8_BKIN
2
-
SPI2_SCK
/I2S2_CK
-
-
-
-
-
-
FMC_D25
EVEN
TOUT
PI2
-
-
-
TIM8_CH4
-
SPI2_MIS
O
-
-
-
-
-
-
FMC_D26
EVEN
TOUT
PI3
-
-
-
TIM8_ETR
-
SPI2_MO
SI/I2S2_S
D
-
-
-
-
-
-
FMC_D27
EVEN
TOUT
PI4
-
--
TIM8_BKIN
-
--
-
-
-
SAI2_MCK
_A
-
FMC_NBL
2
EVEN
TOUT
PI5
-
-
-
TIM8_CH1
-
-
-
-
-
-
SAI2_SCK_
A
-
FMC_NBL
3
EVEN
TOUT
PI6
-
-
-
TIM8_CH2
-
-
-
-
-
-
SAI2_SD_A
-
FMC_D28
EVEN
TOUT
Table 12. STM32F722xx and STM32F723xx alternate function mapping (continued)
Port
AF0
AF1
AF2
AF3
AF4
AF5
AF6
AF7
AF8
AF9
AF10
AF11
AF12
AF15
SYS
TIM1/2
TIM3/4/5
TIM8/9/10/1
1/LPTIM1
I2C1/2/3/U
SART1
SPI1/I2S1/
SPI2/I2S2/
SPI3/I2S3/
SPI4/5
SPI2/I2S2/
SPI3/I2S3/
SPI3/I2S3/
SAI1/
UART4
SPI2/I2S2/S
PI3/I2S3/US
ART1/2/3/UA
RT5
SAI2/USART
6/UART4/5/7/
8/OTG1_FS
CAN1/TIM1
2/13/14/QU
ADSPI/
FMC/
OTG2_HS
SAI2/QUAD
SPI/SDMM
C2/OTG2_
HS/OTG1_
FS
SDMMC2
UART7/F
MC/SDM
MC1/
OTG2_FS
SYS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More