Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM32F722VCK7TR Fiches technique(PDF) 62 Page - STMicroelectronics

No de pièce STM32F722VCK7TR
Description  Arm Cortex-M7 32b MCUFPU, 462DMIPS, up to 512KB Flash
PDF  229 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F722VCK7TR Fiches technique(HTML) 62 Page - STMicroelectronics

Back Button STM32F722VCK7TR Datasheet HTML 58Page - STMicroelectronics STM32F722VCK7TR Datasheet HTML 59Page - STMicroelectronics STM32F722VCK7TR Datasheet HTML 60Page - STMicroelectronics STM32F722VCK7TR Datasheet HTML 61Page - STMicroelectronics STM32F722VCK7TR Datasheet HTML 62Page - STMicroelectronics STM32F722VCK7TR Datasheet HTML 63Page - STMicroelectronics STM32F722VCK7TR Datasheet HTML 64Page - STMicroelectronics STM32F722VCK7TR Datasheet HTML 65Page - STMicroelectronics STM32F722VCK7TR Datasheet HTML 66Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 229 page
background image
Table 10. STM32F722xx and STM32F723xx pin and ball definition
Pin Number
Pin name
(function after
reset)(1)
Alternate functions
Additional
functions
STM32F722xx
STM32F723xx
-
1
1
A2
1
1
C9
A2
A3
1
1
PE2
I/O
FT
-
TRACECLK, SPI4_SCK,
SAI1_MCLK_A,
QUADSPI_BK1_IO2, FMC_A23,
EVENTOUT
-
-
2
2
A1
2
2
A10
A1
A2
2
2
PE3
I/O
FT
-
TRACED0, SAI1_SD_B,
FMC_A19, EVENTOUT
-
-
3
3
B1
3
3
D9
B1
B2
3
3
PE4
I/O
FT
-
TRACED1, SPI4_NSS,
SAI1_FS_A, FMC_A20,
EVENTOUT
-
-
4
4
B2
4
4
E8
B2
B3
4
4
PE5
I/O
FT
-
TRACED2, TIM9_CH1,
SPI4_MISO, SAI1_SCK_A,
FMC_A21, EVENTOUT
-
-
5
5
B3
5
5
B10
B3
B4
5
5
PE6
I/O
FT
-
TRACED3, TIM1_BKIN2,
TIM9_CH2, SPI4_MOSI,
SAI1_SD_A, SAI2_MCK_B,
FMC_A22, EVENTOUT
-
1
6
6
C1
6
6
C10
C1
C2
6
6
VBAT
S
-
-
-
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More