| Moteur de recherche de fiches techniques de composants électroniques |
|
STM32F723VCT7TR Fiches technique(PDF) 64 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F723VCT7TR Fiches technique(HTML) 64 Page - STMicroelectronics |
|
64 / 229 page ![]() - - 10 E2 16 - - E2 C3 10 16 PF0 I/O FTf - I2C2_SDA, FMC_A0, EVENTOUT - - - 11 H3 17 - - H3 C4 11 17 PF1 I/O FTf - I2C2_SCL, FMC_A1, EVENTOUT - - - 12 H2 18 - - H2 D4 12 18 PF2 I/O FT - I2C2_SMBA, FMC_A2, EVENTOUT - - - 13 J2 19 - - J2 E2 13 19 PF3 I/O FT - FMC_A3, EVENTOUT ADC3_IN9 - - 14 J3 20 - - J3 E3 14 20 PF4 I/O FT - FMC_A4, EVENTOUT ADC3_IN14 - - 15 K3 21 - - K3 E4 15 21 PF5 I/O FT - FMC_A5, EVENTOUT ADC3_IN15 - 10 16 G2 22 10 F9 G2 D21622 VSS S - - - - - 11 17 G3 23 11 F10 G3 D3 17 23 VDD S - - - - - - 18 K2 24 - - K2 F3 18 24 PF6 I/O FT - TIM10_CH1, SPI5_NSS, SAI1_SD_B, UART7_RX, QUADSPI_BK1_IO3, EVENTOUT ADC3_IN4 - - 19 K1 25 - - K1 F2 19 25 PF7 I/O FT - TIM11_CH1, SPI5_SCK, SAI1_MCLK_B, UART7_TX, QUADSPI_BK1_IO2, EVENTOUT ADC3_IN5 Table 10. STM32F722xx and STM32F723xx pin and ball definition (continued) Pin Number Pin name (function after reset)(1) Alternate functions Additional functions STM32F722xx STM32F723xx |