Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

UM2502 Fiches technique(PDF) 21 Page - STMicroelectronics

No de pièce UM2502
Description  STLINK-V3MODS and STLINK-V3MINI mini debuggers/programmers for STM32
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM2502 Fiches technique(HTML) 21 Page - STMicroelectronics

Back Button UM2502 Datasheet HTML 17Page - STMicroelectronics UM2502 Datasheet HTML 18Page - STMicroelectronics UM2502 Datasheet HTML 19Page - STMicroelectronics UM2502 Datasheet HTML 20Page - STMicroelectronics UM2502 Datasheet HTML 21Page - STMicroelectronics UM2502 Datasheet HTML 22Page - STMicroelectronics UM2502 Datasheet HTML 23Page - STMicroelectronics UM2502 Datasheet HTML 24Page - STMicroelectronics UM2502 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 27 page
background image
UM2502 Rev 1
21/27
UM2502
Software configuration
26
V3MINI to identify the connected target before enumerating on the USB host. As a
consequence, this functionality is available only if the target is connected to the STLINK-
V3MODS and STLINK-V3MINI.
10.5
Bridge interface
The STLINK-V3MODS implements a USB interface dedicated to bridge functions from USB
to SPI/I2C/CAN/UART/GPIOs of ST microcontroller target. This interface is firstly used by
STM32CubeProgrammer in order to allow target programming through SPI/I2C/CAN
bootloader.
A host software API is provided in order to extend the use cases.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27