| Moteur de recherche de fiches techniques de composants électroniques |
|
UM2502 Fiches technique(PDF) 18 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
UM2502 Fiches technique(HTML) 18 Page - STMicroelectronics |
|
18 / 27 page ![]() Board connectors UM2502 18/27 UM2502 Rev 1 9.1.2 32-pin edge connector for STLINK-V3MODS (STM32 JTAG/SWD, VCP and bridges) Table 5. 32-pin edge connector for STLINK-V3MODS Side Pin # Pin description Type LEFT 1 Bridge UART RX(1) 1. RX signals are inputs for STLINK-V3MODS, outputs for target. I 2 Bridge UART CTS I 3 Bridge UART RTS O 4 T_JTMS/T_SWDIO O 5 GNDDetect(2) I 6 T_JTDO/T_SWO(3) I 7 Bridge SPI CLK I/O 8GND S 9 Bridge CAN RX(1) I 10 Bridge CAN TX(4) O 11 Bridge UART TX(4) O 12 T_VCP_TX I 13 T_JCLK/T_SWCLK O 14 Bridge SPI NSS I/O 15 T_VCP_RX O 16 Bridge I2C SCL O RIGHT 17 Bridge I2C SDA I/O 18 Bridge GPIO0 I/O 19 Bridge GPIO1 I/O 20 Bridge GPIO2 I/O 21 Bridge GPIO3 I/O 22 Reserved(5) - 23 Bridge SPI MISO I/O 24 GND S 25 Bridge SPI MOSI I/O 26 GND S 27 GND S 28 T_JTDI/NC(6) O 29 GND S 30 T_VCC(7) I 31 T_NRST O 32 T_SW_DIR O |