| Moteur de recherche de fiches techniques de composants électroniques |
|
STSPIN830 Fiches technique(PDF) 4 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STSPIN830 Fiches technique(HTML) 4 Page - STMicroelectronics |
|
4 / 27 page ![]() 2.4 ESD protection ratings Table 4. ESD protection ratings Symbol Parameter Conditions Class Value Unit HBM Human body model Conforming to ANSI/ESDA/JEDEC JS001 H2 2 kV CDM Charge device model Conforming to ANSI/ESDA/JEDEC JS002 All pins C2a 500 V Conforming to ANSI/ESDA/JEDEC JS002 Corner pins only (1, 6, 7, 12, 13, 18, 19, 24) - 750 V MM Machine model Conforming to EIA/JESD22-A115-C NC 200 V STSPIN830 ESD protection ratings DS12584 - Rev 2 page 4/27 |