Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM32G071C8 Fiches technique(PDF) 49 Page - STMicroelectronics

No de pièce STM32G071C8
Description  Arm Cortex-M0 32-bit MCU, up to 128 KB Flash, 36 KB RAM
PDF  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32G071C8 Fiches technique(HTML) 49 Page - STMicroelectronics

Back Button STM32G071C8 Datasheet HTML 45Page - STMicroelectronics STM32G071C8 Datasheet HTML 46Page - STMicroelectronics STM32G071C8 Datasheet HTML 47Page - STMicroelectronics STM32G071C8 Datasheet HTML 48Page - STMicroelectronics STM32G071C8 Datasheet HTML 49Page - STMicroelectronics STM32G071C8 Datasheet HTML 50Page - STMicroelectronics STM32G071C8 Datasheet HTML 51Page - STMicroelectronics STM32G071C8 Datasheet HTML 52Page - STMicroelectronics STM32G071C8 Datasheet HTML 53Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 133 page
background image
Table 14. Port B alternate function mapping
Port
AF0
AF1
AF2
AF3
AF4
AF5
AF6
AF7
PB0
SPI1_NSS/
I2S1_WS
TIM3_CH3
TIM1_CH2N
-
USART3_RX
LPTIM1_OUT
UCPD1_FRSTX
COMP1_OUT
PB1
TIM14_CH1
TIM3_CH4
TIM1_CH3N
-
USART3_RTS
_DE_CK
LPTIM2_IN1
LPUART1_RTS
_DE
EVENTOUT
PB2
-
SPI2_MISO
-
-
USART3_TX
LPTIM1_OUT
-
EVENTOUT
PB3
SPI1_SCK/
I2S1_CK
TIM1_CH2
TIM2_CH2
-
USART1_RTS
_DE_CK
-
-
EVENTOUT
PB4
SPI1_MISO/
I2S1_MCK
TIM3_CH1
-
-
USART1_CTS
TIM17_BKIN
-
EVENTOUT
PB5
SPI1_MOSI/
I2S1_SD
TIM3_CH2
TIM16_BKIN
-
-
LPTIM1_IN1
I2C1_SMBA
COMP2_OUT
PB6
USART1_TX
TIM1_CH3
TIM16_CH1N
-
SPI2_MISO
LPTIM1_ETR
I2C1_SCL
EVENTOUT
PB7
USART1_RX
SPI2_MOSI
TIM17_CH1N
-
USART4_CTS
LPTIM1_IN2
I2C1_SDA
EVENTOUT
PB8
CEC
SPI2_SCK
TIM16_CH1
-
USART3_TX
TIM15_BKIN
I2C1_SCL
EVENTOUT
PB9
IR_OUT
UCPD2_FRSTX
TIM17_CH1
-
USART3_RX
SPI2_NSS
I2C1_SDA
EVENTOUT
PB10
CEC
LPUART1_RX
TIM2_CH3
-
USART3_TX
SPI2_SCK
I2C2_SCL
COMP1_OUT
PB11
SPI2_MOSI
LPUART1_TX
TIM2_CH4
-
USART3_RX
-
I2C2_SDA
COMP2_OUT
PB12
SPI2_NSS
LPUART1_RTS
_DE
TIM1_BKIN
-
-
TIM15_BKIN
UCPD2_FRSTX
EVENTOUT
PB13
SPI2_SCK
LPUART1_CTS
TIM1_CH1N
-
USART3_CTS
TIM15_CH1N
I2C2_SCL
EVENTOUT
PB14
SPI2_MISO
UCPD1_FRSTX
TIM1_CH2N
-
USART3_RTS
_DE_CK
TIM15_CH1
I2C2_SDA
EVENTOUT
PB15
SPI2_MOSI
-
TIM1_CH3N
-
TIM15_CH1N
TIM15_CH2
-
EVENTOUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More