Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM32G071C8 Fiches technique(PDF) 48 Page - STMicroelectronics

No de pièce STM32G071C8
Description  Arm Cortex-M0 32-bit MCU, up to 128 KB Flash, 36 KB RAM
PDF  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32G071C8 Fiches technique(HTML) 48 Page - STMicroelectronics

Back Button STM32G071C8 Datasheet HTML 44Page - STMicroelectronics STM32G071C8 Datasheet HTML 45Page - STMicroelectronics STM32G071C8 Datasheet HTML 46Page - STMicroelectronics STM32G071C8 Datasheet HTML 47Page - STMicroelectronics STM32G071C8 Datasheet HTML 48Page - STMicroelectronics STM32G071C8 Datasheet HTML 49Page - STMicroelectronics STM32G071C8 Datasheet HTML 50Page - STMicroelectronics STM32G071C8 Datasheet HTML 51Page - STMicroelectronics STM32G071C8 Datasheet HTML 52Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 133 page
background image
Table 13. Port A alternate function mapping
Port
AF0
AF1
AF2
AF3
AF4
AF5
AF6
AF7
PA0
SPI2_SCK
USART2_CTS
TIM2_CH1_ETR
-
USART4_TX
LPTIM1_OUT
UCPD2_FRSTX
COMP1_OUT
PA1
SPI1_SCK/
I2S1_CK
USART2_RTS
_DE_CK
TIM2_CH2
-
USART4_RX
TIM15_CH1N
I2C1_SMBA
EVENTOUT
PA2
SPI1_MOSI/
I2S1_SD
USART2_TX
TIM2_CH3
-
UCPD1_FRSTX
TIM15_CH1
LPUART1_TX
COMP2_OUT
PA3
SPI2_MISO
USART2_RX
TIM2_CH4
-
UCPD2_FRSTX
TIM15_CH2
LPUART1_RX
EVENTOUT
PA4
SPI1_NSS/
I2S1_WS
SPI2_MOSI
-
-
TIM14_CH1
LPTIM2_OUT
UCPD2_FRSTX
EVENTOUT
PA5
SPI1_SCK/
I2S1_CK
CEC
TIM2_CH1_ETR
-
USART3_TX
LPTIM2_ETR
UCPD1_FRSTX
EVENTOUT
PA6
SPI1_MISO/
I2S1_MCK
TIM3_CH1
TIM1_BKIN
-
USART3_CTS
TIM16_CH1
LPUART1_CTS
COMP1_OUT
PA7
SPI1_MOSI/
I2S1_SD
TIM3_CH2
TIM1_CH1N
-
TIM14_CH1
TIM17_CH1
UCPD1_FRSTX
COMP2_OUT
PA8
MCO
SPI2_NSS
TIM1_CH1
-
-
LPTIM2_OUT
-
EVENTOUT
PA9
MCO
USART1_TX
TIM1_CH2
-
SPI2_MISO
TIM15_BKIN
I2C1_SCL
EVENTOUT
PA10
SPI2_MOSI
USART1_RX
TIM1_CH3
-
-
TIM17_BKIN
I2C1_SDA
EVENTOUT
PA11
SPI1_MISO/
I2S1_MCK
USART1_CTS
TIM1_CH4
-
-
TIM1_BKIN2
I2C2_SCL
COMP1_OUT
PA12
SPI1_MOSI/
I2S1_SD
USART1_RTS
_DE_CK
TIM1_ETR
-
-
I2S_CKIN
I2C2_SDA
COMP2_OUT
PA13
SWDIO
IR_OUT
---
--
EVENTOUT
PA14
SWCLK
USART2_TX
---
--
EVENTOUT
PA15
SPI1_NSS/
I2S1_WS
USART2_RX
TIM2_CH1_ETR
-
USART4_RTS
_DE_CK
USART3_RTS
_DE_CK
-EVENTOUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More