Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PC48F2P0VBQ0 Fiches technique(PDF) 16 Page - Intel Corporation

No de pièce PC48F2P0VBQ0
Description  Intel StrataFlash Embedded Memory
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INTEL [Intel Corporation]
Site Internet  http://www.intel.com
Logo INTEL - Intel Corporation

PC48F2P0VBQ0 Fiches technique(HTML) 16 Page - Intel Corporation

Back Button PC48F2P0VBQ0 Datasheet HTML 12Page - Intel Corporation PC48F2P0VBQ0 Datasheet HTML 13Page - Intel Corporation PC48F2P0VBQ0 Datasheet HTML 14Page - Intel Corporation PC48F2P0VBQ0 Datasheet HTML 15Page - Intel Corporation PC48F2P0VBQ0 Datasheet HTML 16Page - Intel Corporation PC48F2P0VBQ0 Datasheet HTML 17Page - Intel Corporation PC48F2P0VBQ0 Datasheet HTML 18Page - Intel Corporation PC48F2P0VBQ0 Datasheet HTML 19Page - Intel Corporation PC48F2P0VBQ0 Datasheet HTML 20Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 102 page
background image
1-Gbit P30 Family
April 2005
Intel StrataFlash® Embedded Memory (P30)
Datasheet
16
Order Number: 306666, Revision: 001
Figure 6.
1-Gbit, 88-ball (80 active) QUAD+ SCSP Specifications (11x11x1.4 mm)
Millimeters
Inches
Dimens ions
S ymbol
Min
Nom
Max
Min
Nom
Max
Packag e Height
A
-
-
1.400
-
-
0.0551
Ball Height
A 1
0.200
-
-
0.0079
-
-
Packag e Body Thicknes s
A 2
-
1.070
-
-
0.0421
-
Ball (Lead) W idth
b
0.325
0.375
0.425
0.0128
0.0148
0.0167
Packag e Body Length
D
10.900
11.000
11.100
0.4291
0.4331
0.4370
Packag e Body W idth
E
10.900
11.000
11.100
0.4291
0.4331
0.4370
Pitch
e
-
0.800
-
-
0.0315
-
Ball (Lead) Count
N
-
88
-
-
88
-
Seating Plane Coplanarity
Y
-
-
0.100
-
-
0.0039
Corner to Ball A 1 Dis tance A lon g E
S1
2.600
2.700
2.800
0.1024
0.1063
0.1102
Corner to Ball A 1 Dis tance A lon g D
S2
1.000
1.100
1.200
0.0394
0.0433
0.0472
Top View - Ball Down
Bottom View - Ball Up
A
A2
D
E
Y
A1
Drawing not to scale.
S2
S1
A
C
B
E
D
G
F
J
H
K
L
M
e
1
2
3
4
5
6
7
8
b
A
C
B
E
D
G
F
J
H
K
L
M
A1 Index
Mark
12
3456
78



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More