| Moteur de recherche de fiches techniques de composants électroniques |
|
PC48F2P0VBQ0 Fiches technique(PDF) 90 Page - Intel Corporation |
|
|
|||||||||||||||||||||||||||||
PC48F2P0VBQ0 Fiches technique(HTML) 90 Page - Intel Corporation |
|
90 / 102 page ![]() 1-Gbit P30 Family April 2005 Intel StrataFlash® Embedded Memory (P30) Datasheet 90 Order Number: 306666, Revision: 001 Figure 45. Erase Suspend/Resume Flowchart Erase Completed Read Array Data 0 0 No Read 1 Program Program Loop Read Array Data 1 Start Read Status Register SR[7] = SR[6] = Erase Resumed Read or Program? Done Write Write Idle Idle Write Erase Suspend Read Array or Program None None Program Resume Data = 0xB0 Addr = Same partition address as above Data = 0xFF or 0x40 Addr = Any address within the suspended partition Check SR[7]: 1 = WSM ready 0 = WSM busy Check SR[6]: 1 = Erase suspended 0 = Erase completed Data = 0xD0 Addr = Any address Bus Operation Command Comments Read None Status Register data. Addr = Same partition Read or Write None Read array or program data from/to block other than the one being erased ERASE SUSPEND / RESUME PROCEDURE If the suspended partition was placed in Read Array mode or a Program Loop: Write 0xB0, Any Address (Erase Suspend) Write 0x70, Same Partition (Read Status) Write 0xD0, Any Address (Erase Resume) Write 0x70, Same Partition (Read Status) Write 0xFF, Erased Partition (Read Array) Write Read Status Data = 0x70 Addr = Any partition address Write Read Status Register Return partition to Status mode: Data = 0x70 Addr = Same partition |