Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SARA-R500S Fiches technique(PDF) 34 Page - u-blox AG

No de pièce SARA-R500S
Description  LTE-M / NB-IoT modules with secure cloud
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  U-BLOX [u-blox AG]
Site Internet  https://www.u-blox.com/
Logo U-BLOX - u-blox AG

SARA-R500S Fiches technique(HTML) 34 Page - u-blox AG

Back Button SARA-R500S Datasheet HTML 30Page - u-blox AG SARA-R500S Datasheet HTML 31Page - u-blox AG SARA-R500S Datasheet HTML 32Page - u-blox AG SARA-R500S Datasheet HTML 33Page - u-blox AG SARA-R500S Datasheet HTML 34Page - u-blox AG SARA-R500S Datasheet HTML 35Page - u-blox AG SARA-R500S Datasheet HTML 36Page - u-blox AG SARA-R500S Datasheet HTML 37Page - u-blox AG SARA-R500S Datasheet HTML 38Page - u-blox AG Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 43 page
background image
SARA-R5 series - Data sheet
UBX-19016638 - R06
Product handling & soldering
Page 34 of 43
C1-Public
7 Product handling & soldering
7.1 Packaging
SARA-R5 series modules are delivered as hermetically sealed, reeled tapes to enable efficient
production, production lot set-up and tear-down. For more information about packaging, see the
u-blox package information user guide [3].
7.1.1
Reels
SARA-R5 series modules are deliverable in quantities of 250 pieces on a reel. The modules are
delivered using reel type B2 described in Figure 6 and in the u-blox package information user guide [3].
Figure 6: SARA-R5 series modules reel
Parameter
Specification
Reel type
B2
Delivery quantity
250
Table 24: Reel information for SARA-R5 series modules
Quantities of less than 250 pieces are also available. Contact u-blox for more information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43