Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SARA-R500S Fiches technique(PDF) 33 Page - u-blox AG

No de pièce SARA-R500S
Description  LTE-M / NB-IoT modules with secure cloud
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  U-BLOX [u-blox AG]
Site Internet  https://www.u-blox.com/
Logo U-BLOX - u-blox AG

SARA-R500S Fiches technique(HTML) 33 Page - u-blox AG

Back Button SARA-R500S Datasheet HTML 29Page - u-blox AG SARA-R500S Datasheet HTML 30Page - u-blox AG SARA-R500S Datasheet HTML 31Page - u-blox AG SARA-R500S Datasheet HTML 32Page - u-blox AG SARA-R500S Datasheet HTML 33Page - u-blox AG SARA-R500S Datasheet HTML 34Page - u-blox AG SARA-R500S Datasheet HTML 35Page - u-blox AG SARA-R500S Datasheet HTML 36Page - u-blox AG SARA-R500S Datasheet HTML 37Page - u-blox AG Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 43 page
background image
SARA-R5 series - Data sheet
UBX-19016638 - R06
Qualification and approvals
Page 33 of 43
C1-Public
6 Qualification and approvals
6.1 Reliability tests
Tests for product family qualifications according to ISO 16750 “Road vehicles – Environmental
conditions and testing for electrical and electronic equipment”, and appropriate standards.
6.1.1
Approvals
SARA-R5 series modules comply with the Directive 2011/65/EU of the European Parliament and the
Council on the Restriction of Use of certain Hazardous Substances in Electrical and Electronic
Equipment (EU RoHS 2) and its amendment Directive (EU) 2015/863 (EU RoHS 3).
SARA-R5 series modules are RoHS 3 compliant.
No natural rubbers, hygroscopic materials, or materials containing asbestos are employed.
Table 23 summarizes the main approvals planned for SARA-R5 series modules.
Certification
SARA-R500S-00B
SARA-R510S-00B
SARA-R510M8S-00B
PTCRB
LTE Cat M1 bands
1,2,3,4,5,8,12,13,18,19,20,25,26,28
LTE Cat M1 bands
1,2,3,4,5,8,12,13,18,19,20,25,26,28
LTE Cat M1 bands
1,2,3,4,5,8,12,13,18,19,20,25,26,28
GCF
LTE Cat M1 bands
1,2,3,4,5,8,12,13,18,19,20,25,26,28
LTE Cat M1 bands
1,2,3,4,5,8,12,13,18,19,20,25,26,28
LTE Cat M1 bands
1,2,3,4,5,8,12,13,18,19,20,25,26,28
CE Europe
LTE Cat M1 bands 1,3,8,20,28
LTE Cat M1 bands 1,3,8,20,28
LTE Cat M1 bands 1,3,8,20,28
FCC US
FCC ID
LTE Cat M1 bands 2,4,5,12,13,25,26
XPYUBX19KM01
LTE Cat M1 bands 2,4,5,12,13,25,26
XPYUBX19KM01
LTE Cat M1 bands 2,4,5,12,13,25,26
XPYUBX19KM01
ISED Canada
ISED ID
LTE Cat M1 bands 2,4,5,12,13,25
8595A-UBX19KM01
LTE Cat M1 bands 2,4,5,12,13,25
8595A-UBX19KM01
LTE Cat M1 bands 2,4,5,12,13,25
8595A-UBX19KM01
Verizon
LTE Cat M1 bands 4,13
LTE Cat M1 bands 4,13
LTE Cat M1 bands 4,13
AT&T
LTE Cat M1 bands 2,4,5,12
LTE Cat M1 bands 2,4,5,12
LTE Cat M1 bands 2,4,5,12
Table 23: SARA-R5 series main certification approvals summary
☞ For guidelines and notices about compliance with certification approvals requirements
integrating the SARA-R5 series modules in the end-device, see the SARA-R5 series system
integration manual [2].
☞ For the complete list of planned approvals and for specific details on all country, conformance and
network operators’ certifications available for all the different SARA-R5 series modules’ ordering
numbers, including related certificates of compliancy, please contact your nearest u-blox office or
sales representative.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43