| Moteur de recherche de fiches techniques de composants électroniques |
|
PIC16F913E/ML301 Fiches technique(PDF) 49 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC16F913E/ML301 Fiches technique(HTML) 49 Page - Microchip Technology |
|
49 / 272 page ![]() © 2005 Microchip Technology Inc. Preliminary DS41250E-page 47 PIC16F917/916/914/913 3.3.3.6 RB5/COM1 Figure 3-11 shows the diagram for this pin. The RB5/COM1 pin is configurable to function as one of the following: • a general purpose I/O • an analog output for the LCD FIGURE 3-11: BLOCK DIAGRAM OF RB5/COM1 From other Set RBIF RB<7:4> pins RD PORTB FOSC/4 COM1 Q D CK Data Latch TRIS Latch RD TRISB RD PORTB Q D CK D Q EN TTL Input Buffer Data Bus WR PORTB WR TRISB P VDD I/O Pin VDD Weak Pull-up LCDEN and LMUX<1:0> ≠ 00 RBPU(1) Note 1: To enable weak pull-ups, set the appropriate TRIS bit(s) and clear the RBPU bit. D Q EN LCDEN and LMUX<1:0> ≠ 00 LCDEN and LCDEN and LMUX<1:0> ≠ 00 LMUX<1:0> ≠ 00 |