| Moteur de recherche de fiches techniques de composants électroniques |
|
PIC16F913E/ML301 Fiches technique(PDF) 39 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC16F913E/ML301 Fiches technique(HTML) 39 Page - Microchip Technology |
|
39 / 272 page ![]() © 2005 Microchip Technology Inc. Preliminary DS41250E-page 37 PIC16F917/916/914/913 3.1.1.5 RA4/C1OUT/T0CKI/SEG4 Figure 3-5 shows the diagram for this pin. The RA4/C1OUT/T0CKI/SEG4 pin is configurable to function as one of the following: • a general purpose I/O • a digital output from Comparator 1 • a clock input for TMR0 • an analog output for the LCD FIGURE 3-5: BLOCK DIAGRAM OF RA4/C1OUT/T0CKI/SEG4 C1OUT CM<2:0> = 110 or 101 0 1 Schmitt Trigger Q D Q CK Data Latch TRIS Latch RD TRISA RD PORTA VSS VDD Q D Q CK T0CKI Data Bus WR PORTA WR TRISA SEG4 Analog Input or I/O Pin TTL Input Buffer SE4 and LCDEN SE4 and LCDEN SE4 and LCDEN SE4 and LCDEN |