Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MXT1664T3-C4BESSQTP Fiches technique(PDF) 9 Page - Microchip Technology

No de pièce MXT1664T3-C4BESSQTP
Description  maXTouch 1664-node Touchscreen Controller
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MXT1664T3-C4BESSQTP Fiches technique(HTML) 9 Page - Microchip Technology

Back Button MXT1664T3-C4BESSQTP Datasheet HTML 5Page - Microchip Technology MXT1664T3-C4BESSQTP Datasheet HTML 6Page - Microchip Technology MXT1664T3-C4BESSQTP Datasheet HTML 7Page - Microchip Technology MXT1664T3-C4BESSQTP Datasheet HTML 8Page - Microchip Technology MXT1664T3-C4BESSQTP Datasheet HTML 9Page - Microchip Technology MXT1664T3-C4BESSQTP Datasheet HTML 10Page - Microchip Technology MXT1664T3-C4BESSQTP Datasheet HTML 11Page - Microchip Technology MXT1664T3-C4BESSQTP Datasheet HTML 12Page - Microchip Technology MXT1664T3-C4BESSQTP Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 98 page
background image
MXT1664T3 2.0
 2018 Microchip Technology Inc.
DS40002054A-page 9
TABLE 2:
PIN LISTING – 162-BALL UFBGA
Ball
Name
Type
Supply
Description
If Unused...
A1
SCL
OD
VddIO
I2C Mode: Serial Clock input
–
A2
RESET
I
VddIO
Reset low. It is recommend that this line is connected
to the host system.
Pull up to VDDIO
A3
VDDIO
P
–
Digital power
–
A4
DS0
S
AVdd
Driven Shield signal; used as guard track between X/Y
signals and ground
Leave open
A5
NC
–
–
No connection
–
A6
NC
–
–
No connection
–
A7
NC
–
–
No connection
–
A8
AVDD
P
–
Analog power
–
A9
GND
P
–
Ground
–
A10
Y50
S
AVdd
Y line connection
Leave open
A11
Y46
S
AVdd
Y line connection
Leave open
A12
Y42
S
AVdd
Y line connection
Leave open
A13
AVDD
P
–
Analog power
–
A14
GND
P
–
Ground
–
A15
NC
–
–
No connection
–
A16
NC
–
–
No connection
–
A17
NC
–
–
No connection
–
A18
NC
–
–
No connection
–
A19
NC
–
–
No connection
–
B1
SDA
OD
VddIO
I2C Mode: Serial Data
–
B2
USBDM
USB
VddIO
USB mode: Data Minus
Connect to GND
B3
GND
P
–
Ground
–
B4
NC
–
–
No connection
–
B5
NC
–
–
No connection
–
B6
NC
–
–
No connection
–
B7
NC
–
–
No connection
–
B8
NC
–
–
No connection
–
B9
NC
–
–
No connection
–
B10
Y49
S
AVdd
Y line connection
Leave open
B11
Y45
S
AVdd
Y line connection
Leave open
B12
Y41
S
AVdd
Y line connection
Leave open
B13
Y38
S
AVdd
Y line connection
Leave open
B14
VDDCORE
P
–
Digital core power
–
B15
NC
–
–
No connection
–
B16
NC
–
–
No connection
–
B17
NC
–
–
No connection
–
B18
NC
–
–
No connection
–
B19
NC
–
–
No connection
–
C1
ADDSEL
I
VddIO
I2C Mode: Address select; see Section 7.3 “I2C
Address Selection – ADDSEL Pin”
–
USBDP
USB
USB mode: Data Plus



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com