Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MXT1664T3-C4BESSQTP Fiches technique(PDF) 63 Page - Microchip Technology

No de pièce MXT1664T3-C4BESSQTP
Description  maXTouch 1664-node Touchscreen Controller
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MXT1664T3-C4BESSQTP Fiches technique(HTML) 63 Page - Microchip Technology

Back Button MXT1664T3-C4BESSQTP Datasheet HTML 59Page - Microchip Technology MXT1664T3-C4BESSQTP Datasheet HTML 60Page - Microchip Technology MXT1664T3-C4BESSQTP Datasheet HTML 61Page - Microchip Technology MXT1664T3-C4BESSQTP Datasheet HTML 62Page - Microchip Technology MXT1664T3-C4BESSQTP Datasheet HTML 63Page - Microchip Technology MXT1664T3-C4BESSQTP Datasheet HTML 64Page - Microchip Technology MXT1664T3-C4BESSQTP Datasheet HTML 65Page - Microchip Technology MXT1664T3-C4BESSQTP Datasheet HTML 66Page - Microchip Technology MXT1664T3-C4BESSQTP Datasheet HTML 67Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 98 page
background image
MXT1664T3 2.0
 2018 Microchip Technology Inc.
DS40002054A-page 63
• Try to keep as many signals as possible on the inside layers of the board. If suitable ground flood fills are used on
the top and bottom layers, these will provide a good level of screening for noisy signals, both into and out of the
PCB.
• Ensure that the on-board regulators have sufficient tracking around and underneath the devices to act as a
heatsink. This heatsink will normally be connected to the 0 V or ground supply pin. Increasing the width of the
copper tracking to any of the device pins will aid in removing heat. There should be no solder mask over the
copper track underneath the body of the regulators.
• Ensure that the decoupling capacitors, especially high capacity ceramic type, have the requisite low ESR, ESL
and good stability/temperature properties. Refer to the regulator manufacturer’s datasheet for more information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98