| Moteur de recherche de fiches techniques de composants électroniques |
|
ATXMEGA8E5 Fiches technique(PDF) 70 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
ATXMEGA8E5 Fiches technique(HTML) 70 Page - Microchip Technology |
|
70 / 153 page ![]() 2018 Microchip Technology Inc. Data Sheet Complete DS40002059A-page 70 ATxmega32E5/16E5/8E5 34. Instruction Set Summary Mnemonics Operands Description Operation Flags #Clocks Arithmetic and Logic Instructions ADD Rd, Rr Add without Carry Rd Rd + Rr Z,C,N,V,S,H 1 ADC Rd, Rr Add with Carry Rd Rd + Rr + C Z,C,N,V,S,H 1 ADIW Rd, K Add Immediate to Word Rd Rd + 1:Rd + K Z,C,N,V,S 2 SUB Rd, Rr Subtract without Carry Rd Rd - Rr Z,C,N,V,S,H 1 SUBI Rd, K Subtract Immediate Rd Rd - K Z,C,N,V,S,H 1 SBC Rd, Rr Subtract with Carry Rd Rd - Rr - C Z,C,N,V,S,H 1 SBCI Rd, K Subtract Immediate with Carry Rd Rd - K - C Z,C,N,V,S,H 1 SBIW Rd, K Subtract Immediate from Word Rd + 1:Rd Rd + 1:Rd - K Z,C,N,V,S 2 AND Rd, Rr Logical AND Rd Rd Rr Z,N,V,S 1 ANDI Rd, K Logical AND with Immediate Rd Rd K Z,N,V,S 1 OR Rd, Rr Logical OR Rd Rd v Rr Z,N,V,S 1 ORI Rd, K Logical OR with Immediate Rd Rd v K Z,N,V,S 1 EOR Rd, Rr Exclusive OR Rd Rd Rr Z,N,V,S 1 COM Rd One’s Complement Rd $FF - Rd Z,C,N,V,S 1 NEG Rd Two’s Complement Rd $00 - Rd Z,C,N,V,S,H 1 SBR Rd,K Set Bit(s) in Register Rd Rd v K Z,N,V,S 1 CBR Rd,K Clear Bit(s) in Register Rd Rd ($FFh - K) Z,N,V,S 1 INC Rd Increment Rd Rd + 1 Z,N,V,S 1 DEC Rd Decrement Rd Rd - 1 Z,N,V,S 1 TST Rd Test for Zero or Minus Rd Rd Rd Z,N,V,S 1 CLR Rd Clear Register Rd Rd Rd Z,N,V,S 1 SER Rd Set Register Rd $FF None 1 MUL Rd,Rr Multiply Unsigned R1:R0 Rd x Rr (UU) Z,C 2 MULS Rd,Rr Multiply Signed R1:R0 Rd x Rr (SS) Z,C 2 MULSU Rd,Rr Multiply Signed with Unsigned R1:R0 Rd x Rr (SU) Z,C 2 FMUL Rd,Rr Fractional Multiply Unsigned R1:R0 Rd x Rr<<1 (UU) Z,C 2 FMULS Rd,Rr Fractional Multiply Signed R1:R0 Rd x Rr<<1 (SS) Z,C 2 FMULSU Rd,Rr Fractional Multiply Signed with Unsigned R1:R0 Rd x Rr<<1 (SU) Z,C 2 DES K Data Encryption if (H = 0) then R15:R0 else if (H = 1) then R15:R0 Encrypt(R15:R0, K) Decrypt(R15:R0, K) 1/2 Branch instructions RJMP k Relative Jump PC PC + k + 1 None 2 IJMP Indirect Jump to (Z) PC(15:0) PC(21:16) Z, 0 None 2 EIJMP Extended Indirect Jump to (Z) PC(15:0) PC(21:16) Z, EIND None 2 JMP k Jump PC k None 3 |