Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ATXMEGA8E5 Fiches technique(PDF) 49 Page - Microchip Technology

No de pièce ATXMEGA8E5
Description  XMEGA짰 E5 Data Sheet
PDF  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ATXMEGA8E5 Fiches technique(HTML) 49 Page - Microchip Technology

Back Button ATXMEGA8E5 Datasheet HTML 45Page - Microchip Technology ATXMEGA8E5 Datasheet HTML 46Page - Microchip Technology ATXMEGA8E5 Datasheet HTML 47Page - Microchip Technology ATXMEGA8E5 Datasheet HTML 48Page - Microchip Technology ATXMEGA8E5 Datasheet HTML 49Page - Microchip Technology ATXMEGA8E5 Datasheet HTML 50Page - Microchip Technology ATXMEGA8E5 Datasheet HTML 51Page - Microchip Technology ATXMEGA8E5 Datasheet HTML 52Page - Microchip Technology ATXMEGA8E5 Datasheet HTML 53Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 153 page
background image
 2018 Microchip Technology Inc.
Data Sheet Complete
DS40002059A-page 49
ATxmega32E5/16E5/8E5
It is possible to disable the TWI drivers in the device, and enable a four-wire digital interface for connecting to an external
TWI bus driver. This can be used for applications where the device operates from a different VCC voltage than used by the
TWI bus.
It is also possible to enable the bridge mode. In this mode, the slave I/O pins are selected from an alternative port, enabling
independent and simultaneous master and slave operation.
PORTC has one TWI. Notation of this peripheral is TWIC. Alternative TWI Slave location in bridge mode is on PORTD.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More