Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MCP2517FD Fiches technique(PDF) 10 Page - Microchip Technology

No de pièce MCP2517FD
Description  External CAN FD Controller with SPI Interface
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP2517FD Fiches technique(HTML) 10 Page - Microchip Technology

Back Button MCP2517FD Datasheet HTML 6Page - Microchip Technology MCP2517FD Datasheet HTML 7Page - Microchip Technology MCP2517FD Datasheet HTML 8Page - Microchip Technology MCP2517FD Datasheet HTML 9Page - Microchip Technology MCP2517FD Datasheet HTML 10Page - Microchip Technology MCP2517FD Datasheet HTML 11Page - Microchip Technology MCP2517FD Datasheet HTML 12Page - Microchip Technology MCP2517FD Datasheet HTML 13Page - Microchip Technology MCP2517FD Datasheet HTML 14Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 98 page
background image
MCP2517FD
DS20005688B-page 10
 2017-2018 Microchip Technology Inc.
C1TXREQ
31:24
TXREQ<31:24>
23:16
TXREQ<23:16>
15:8
TXREQ<15:8>
30
7:0
TXREQ<7:0>
C1TREC
31:24
—
—
—
—
—
—
—
—
23:16
—
—
TXBO
TXBP
RXBP
TXWARN
RXWARN
EWARN
15:8
TEC<7:0>
34
7:0
REC<7:0>
C1BDIAG0
31:24
DTERRCNT<7:0>
23:16
DRERRCNT<7:0>
15:8
NTERRCNT<7:0>
38
7:0
NRERRCNT<7:0>
C1BDIAG1
31:24
DLCMM
ESI
DCRCERR
DSTUFERR DFORMERR
—
DBIT1ERR
DBIT0ERR
23:16
TXBOERR
—
NCRCERR
NSTUFERR NFORMERR
NACKERR
NBIT1ERR
NBIT0ERR
15:8
EFMSGCNT<15:8>
3C
7:0
EFMSGCNT<7:0>
C1TEFCON
31:24
—
—
—FSIZE<4:0>
23:16
—
—
—
—
—
—
—
—
15:8
—
—
—
—
—
FRESET
—UINC
40
7:0
—
—
TEFTSEN
—
TEFOVIE
TEFFIE
TEFHIE
TEFNEIE
C1TEFSTA
31:24
—
—
—
—
—
—
—
—
23:16
—
—
—
—
—
—
—
—
15:8
—
—
—
—
—
—
—
—
44
7:0
—
—
—
—
TEFOVIF
TEFFIF
TEFHIF
TEFNEIF
C1TEFUA
31:24
TEFUA<31:24>
23:16
TEFUA<23:16>
15:8
TEFUA<15:8>
48
7:0
TEFUA<7:0>
Reserved( 2)
31:24
Reserved<31:24>
23:16
Reserved<23:16>
15:8
Reserved<15:8>
4C
7:0
Reserved<7:0>
C1TXQCON
31:24
PLSIZE<2:0>
FSIZE<4:0>
23:16
—
TXAT<1:0>
TXPRI<4:0>
15:8
—
—
—
—
—
FRESET
TXREQ
UINC
50
7:0
TXEN
—
—TXATIE
—TXQEIE
—TXQNIE
C1TXQSTA
31:24
—
—
—
—
—
—
—
—
23:16
—
—
—
—
—
—
—
—
15:8
—
—
—TXQCI<4:0>
54
7:0
TXABT
TXLARB
TXERR
TXATIF
—
TXQEIF
—TXQNIF
C1TXQUA
31:24
TXQUA<31:24>
23:16
TXQUA<23:16>
15:8
TXQUA<15:8>
58
7:0
TXQUA<7:0>
TABLE 3-2:
CAN FD CONTROLLER MODULE REGISTER SUMMARY (CONTINUED)
Addr.
Name
Bit
31/23/15/7
Bit
30/22/14/6
Bit
29/21/13/5
Bit
28/20/12/4
Bit
27/19/11/3
Bit
26/18/10/2
Bit
25/17/9/1
Bit
24/16/8/0
Note 1:
The lower order byte of the 32-bit register resides at the low-order address.
2:
Reserved register reads 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98