| Moteur de recherche de fiches techniques de composants électroniques |
|
MCP2517FD Fiches technique(PDF) 87 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MCP2517FD Fiches technique(HTML) 87 Page - Microchip Technology |
|
87 / 98 page ![]() 2017-2018 Microchip Technology Inc. DS20005688B-page 87 MCP2517FD B A 0.15 C 0.15 C 0.10 C A B 0.05 C C SEATING PLANE 12 N 2X TOP VIEW SIDE VIEW BOTTOM VIEW 12 N 0.10 C A B 0.10 C 0.08 C Microchip Technology Drawing C04-1198A Sheet 1 of 2 A 2X 16X For the most current package drawings, please see the Microchip Packaging Specification located at http://www.microchip.com/packaging Note: 14-Lead Very Thin Plastic Quad Flat, No Lead Package (JHA) - 4.5x3.0 mm Body [VDFN] With Dimpled Wettable Flanks (DATUM A) (DATUM B) D E NOTE 1 A A1 D2 E2 14X b (K) L e A (A3) |