| Moteur de recherche de fiches techniques de composants électroniques |
|
TDA7786M Fiches technique(PDF) 27 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
TDA7786M Fiches technique(HTML) 27 Page - STMicroelectronics |
|
27 / 54 page ![]() DocID026122 Rev 5 27/54 TDA7786, TDA7786M Function description 53 Figure 17. Cumulative digital-down-converter transfer function for AM Table 12. Overall filter characteristics for FM (not including DISS filter) |Item Value Unit Pass-band edge 45.8 kHz Stop-band edge 228 kHz In-band ripple <0.003 dB Anti-alias Attenuation >100 dB Table 13. Overall filter characteristics for AM |Item Value Unit Pass-band edge 20 kHz Stop-band edge 300 kHz In-band ripple <0.051 dB Anti-alias Attenuation >100 dB |