Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TDA7786M Fiches technique(PDF) 14 Page - STMicroelectronics

No de pièce TDA7786M
Description  ELITE automotive tuners for AM/FM car-radio
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7786M Fiches technique(HTML) 14 Page - STMicroelectronics

Back Button TDA7786M Datasheet HTML 10Page - STMicroelectronics TDA7786M Datasheet HTML 11Page - STMicroelectronics TDA7786M Datasheet HTML 12Page - STMicroelectronics TDA7786M Datasheet HTML 13Page - STMicroelectronics TDA7786M Datasheet HTML 14Page - STMicroelectronics TDA7786M Datasheet HTML 15Page - STMicroelectronics TDA7786M Datasheet HTML 16Page - STMicroelectronics TDA7786M Datasheet HTML 17Page - STMicroelectronics TDA7786M Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 54 page
background image
Function description
TDA7786, TDA7786M
14/54
DocID026122 Rev 5
Figure 3. Crystal oscillator block diagram
2.11
DSP and digital hardware accelerators
The TDA7786x embeds two DSP cores for high computational power and achievable
customization. The DSP cores, in combination with the hardware accelerators, take care of
all the tuner digital signal processing. The main program is fixed in ROM. Control
parameters are copied to RAM and are accessible and modifiable there, thus allowing a
parametric performance optimization. The operations performed by the DSP cores and HW
accelerators are:
digital down-conversion of IF
bandwidth selection with variable controlled bandwidth
FM and AM noise blanking
FM/AM demodulation with soft-mute, high-cut, weak signal processing and quality
detection
FM stereo decoding with stereo-blend
RDS demodulation including error correction and block synchronization with generation
of an RDS interrupt for the main µP
Autonomous control of RDS-AF tests
Self-alignment of pre-selection tuning



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54