Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STK2MV64CC Fiches technique(PDF) 4 Page - Intel Corporation

No de pièce STK2MV64CC
Description  Intel Compute Stick
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INTEL [Intel Corporation]
Site Internet  http://www.intel.com
Logo INTEL - Intel Corporation

STK2MV64CC Fiches technique(HTML) 4 Page - Intel Corporation

  STK2MV64CC Datasheet HTML 1Page - Intel Corporation STK2MV64CC Datasheet HTML 2Page - Intel Corporation STK2MV64CC Datasheet HTML 3Page - Intel Corporation STK2MV64CC Datasheet HTML 4Page - Intel Corporation STK2MV64CC Datasheet HTML 5Page - Intel Corporation STK2MV64CC Datasheet HTML 6Page - Intel Corporation STK2MV64CC Datasheet HTML 7Page - Intel Corporation STK2MV64CC Datasheet HTML 8Page - Intel Corporation STK2MV64CC Datasheet HTML 9Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 33 page
background image
4
Other Common Notation
#
Used after a signal name to identify an active-low signal (such as USBP0#)
GB
Gigabyte (1,073,741,824 bytes)
GB/s
Gigabytes per second
Gb/s
Gigabits per second
KB
Kilobyte (1024 bytes)
Kb
Kilobit (1024 bits)
kb/s
1000 bits per second
MB
Megabyte (1,048,576 bytes)
MB/s
Megabytes per second
Mb
Megabit (1,048,576 bits)
Mb/s
Megabits per second
TDP
Thermal Design Power
Xxh
An address or data value ending with a lowercase h indicates a hexadecimal value.
x.x V
Volts. Voltages are DC unless otherwise specified.
*
This symbol is used to indicate third-party brands and names that are the property of their respective
owners.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33