Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STK2MV64CC Fiches technique(PDF) 11 Page - Intel Corporation

No de pièce STK2MV64CC
Description  Intel Compute Stick
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INTEL [Intel Corporation]
Site Internet  http://www.intel.com
Logo INTEL - Intel Corporation

STK2MV64CC Fiches technique(HTML) 11 Page - Intel Corporation

Back Button STK2MV64CC Datasheet HTML 7Page - Intel Corporation STK2MV64CC Datasheet HTML 8Page - Intel Corporation STK2MV64CC Datasheet HTML 9Page - Intel Corporation STK2MV64CC Datasheet HTML 10Page - Intel Corporation STK2MV64CC Datasheet HTML 11Page - Intel Corporation STK2MV64CC Datasheet HTML 12Page - Intel Corporation STK2MV64CC Datasheet HTML 13Page - Intel Corporation STK2MV64CC Datasheet HTML 14Page - Intel Corporation STK2MV64CC Datasheet HTML 15Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 33 page
background image
Overview of BIOS Features
11
1.2
Online Support
To find information about…
Visit this World Wide Web site:
Intel Compute Stick
http://www.intel.com/computesticksupport
1.3
Operating System Overview
The STK2M3W64CC Compute Stick has Windows 10 Home 64-bit pre-installed with all necessary
drivers.
The STK2M364CC and STK2MV64CC Compute Sticks support the following Operating Systems
(64-bit only).
Windows* 10 Home
Windows 10 Pro
Windows 10 Enterprise
Windows 10 Education
Windows 10 IoT Enterprise
Windows 8.1
Windows 8.1 Pro
Windows 8.1 Enterprise
Windows Embedded 8.1 Industry
Some Linux* operating systems may be supported. Check with the specific Linux distribution
to make sure that support is available for this platform.
Installation of any of the above operating systems will require a wired USB mouse and keyboard
along with a USB flash drive or USB optical drive. The USB flash drive or USB optical drive will
need the operating system installation media.
To find information about…
Visit this World Wide Web site:
Intel Compute Stick drivers
http://downloadcenter.intel.com
1.4
Processor
The Intel Compute Stick has a soldered-down System-on-a-Chip (SoC), which consists of an Intel
Core m5 processor (M5-6Y57) on the STK2MV64CC and an Intel Core m3 processor (M3-6Y30) on
the STK2M3W64CC and the STK2M364CC.
Integrated Intel® HD Graphics 515
Integrated memory controller
Integrated PCH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33