Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

USB2ANY Fiches technique(PDF) 8 Page - Texas Instruments

No de pièce USB2ANY
Description  Interface Adapter
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

USB2ANY Fiches technique(HTML) 8 Page - Texas Instruments

Back Button USB2ANY Datasheet HTML 4Page - Texas Instruments USB2ANY Datasheet HTML 5Page - Texas Instruments USB2ANY Datasheet HTML 6Page - Texas Instruments USB2ANY Datasheet HTML 7Page - Texas Instruments USB2ANY Datasheet HTML 8Page - Texas Instruments USB2ANY Datasheet HTML 9Page - Texas Instruments USB2ANY Datasheet HTML 10Page - Texas Instruments USB2ANY Datasheet HTML 11Page - Texas Instruments USB2ANY Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
or
or
Connecting the USB2ANY
www.ti.com
8
SNAU228 – January 2018
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
USB2ANY Interface Adapter
3.1
Using the 10-Pin Cable
Figure 5. 10-pin Cable Connection
The 10-pin cable is connected to J4 as Figure 5 shows and can be used for most of the popular
interfaces, including:
I2C: SDA and SCL
SPI: SCLK, MOSI, MISO, and CS
UART: RX and TX
Power: 3.3-V external
GPIO: GPIO0, GPIO1, GPIO2, GPIO3, GPIO4, GPIO5, GPIO6, and GPIO7
PWM: PWM0, PWM1, and PWM2
OneWire: OW1, OW2, and OW3
µWire: SCLK, MOSI, MISO, and CS
RFFE: SCLK and SDATA
3.2
Using the 30-Pin Cable
The 30-pin cable is connected across J3, J4, and J5 as Figure 6 shows, and can be used to access all of
the available interfaces signals (see Table 2 for a list of all the signals).
Figure 6. 30-Pin Cable Connection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21