Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

USB2ANY Fiches technique(PDF) 16 Page - Texas Instruments

No de pièce USB2ANY
Description  Interface Adapter
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

USB2ANY Fiches technique(HTML) 16 Page - Texas Instruments

Back Button USB2ANY Datasheet HTML 12Page - Texas Instruments USB2ANY Datasheet HTML 13Page - Texas Instruments USB2ANY Datasheet HTML 14Page - Texas Instruments USB2ANY Datasheet HTML 15Page - Texas Instruments USB2ANY Datasheet HTML 16Page - Texas Instruments USB2ANY Datasheet HTML 17Page - Texas Instruments USB2ANY Datasheet HTML 18Page - Texas Instruments USB2ANY Datasheet HTML 19Page - Texas Instruments USB2ANY Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 21 page
background image
Appendix B
www.ti.com
16
SNAU228 – January 2018
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
USB2ANY Cable Connections
Table 3. 30-pin Cable Pinouts (continued)
Schematic Pin Number
Cable Pin Number
Signals Available
J3-5
4
GND
J3-4
5
PWM3
J3-3
6
GND
J3-2
7
DAC1
J3-1
8
GND
—
9
(unused)
—
10
(unused)
J4-10
11
GPIO7, PWM0, INT2, OW2, OW5
J4-9
12
GPIO6, PWM1, RFFE:SCLK, SPI:CS, INT1, µWIRE:CS, OW1
J4-8
13
GPIO5, SPI:SOMI, UART:RXD, µWIRE:SOMI
J4-7
14
GPIO4, SPI:SIMO, UART:TXD, µWIRE:SIMO
J4-6
15
3.3VEXT
J4-5
16
GND
J4-4
17
GPIO3, PWM2, RFFE:SDATA, INT0
J4-3
18
GPIO2, ES:DOUT, SPI:SCLK, µWIRE:SCLK
J4-2
19
GPIO1, I2C:SCL, OW3
J4-1
20
GPIO0, I2C:SDA, OW4
—
21
(unused)
—
22
(unused)
J5-8
23
ADC0
J5-7
24
ADC1
J5-6
25
GPIO9, ADC2, ES:AIN
J5-5
26
GPIO8, ADC3
J5-4
27
GND
J5-3
28
GND
J5-2
29
GPIO11, VREF+
J5-1
30
GPIO10, VREF–
NOTE:
The pin numbers for J3, J4, and J5 on the schematics are for reference only and do not
correspond to the pin numbers for cable connections.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21