Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

UPD360 Fiches technique(PDF) 13 Page - Microchip Technology

No de pièce UPD360
Description  Highly Integrated Small Form Factor USB Type-C??Power Delivery 2.0 Port Controller
PDF  221 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UPD360 Fiches technique(HTML) 13 Page - Microchip Technology

Back Button UPD360 Datasheet HTML 9Page - Microchip Technology UPD360 Datasheet HTML 10Page - Microchip Technology UPD360 Datasheet HTML 11Page - Microchip Technology UPD360 Datasheet HTML 12Page - Microchip Technology UPD360 Datasheet HTML 13Page - Microchip Technology UPD360 Datasheet HTML 14Page - Microchip Technology UPD360 Datasheet HTML 15Page - Microchip Technology UPD360 Datasheet HTML 16Page - Microchip Technology UPD360 Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 221 page
background image
 2016-2017 Microchip Technology Inc.
DS00002084C-page 13
UPD360
Note 3-3
This general purpose signal can only function as an output and must not be pulled-up
externally during RESET_N assertion.
TABLE 3-3:
UPD360-C BALL ASSIGNMENTS
Ball
Pin Name
Ball
Pin Name
A1
VBUS
D5
VSS
A2
VS
D6
GPIO7
A3
VS
D7
RESET_N
A4
NC
E1
CFG_SEL0
A5
GPIO13
E2
OCS_COMP1
A6
GPIO14
E4
VSS
A7
GPIO15
E6
GPIO4
B1
VBUS
E7
GPIO6
B2
VBUS_DET
F1
3V3_ALW
B3
GPIO9
F2
PWR_DN
B4
GPO10 (Note 3-3)
F3
VDD33IO
B5
GPIO11/DISCHARGE
F4
IRQ_N
B6
VDD33IO
F5
SPI_CLK
B7
GPIO12
F6
GPO1 (Note 3-3)
C1
CC2
F7
GPIO3/HPD
C2
CC2_DB_EN
G1
VSW
C4
VSS
G2
3V3_VBUS
C6
GPIO5
G3
VDD18_CAP
C7
GPIO8
G4
SPI_DO
D1
CC1
G5
SPI_DI
D2
CC1_DB_EN
G6
SPI_CS
D3
VSS
G7
GPIO2/OCS_COMP2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More