Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

D400 Fiches technique(PDF) 26 Page - Intel Corporation

No de pièce D400
Description  Intel RealSense Depth Camera D400-Series
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INTEL [Intel Corporation]
Site Internet  http://www.intel.com
Logo INTEL - Intel Corporation

D400 Fiches technique(HTML) 26 Page - Intel Corporation

Back Button D400 Datasheet HTML 22Page - Intel Corporation D400 Datasheet HTML 23Page - Intel Corporation D400 Datasheet HTML 24Page - Intel Corporation D400 Datasheet HTML 25Page - Intel Corporation D400 Datasheet HTML 26Page - Intel Corporation D400 Datasheet HTML 27Page - Intel Corporation D400 Datasheet HTML 28Page - Intel Corporation D400 Datasheet HTML 29Page - Intel Corporation D400 Datasheet HTML 30Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 32 page
background image
Calibration Support
26
Datasheet
6
Calibration Support
The Intel® RealSense™ Depth Camera D415/D435 can be connected to PC to retrieve
and write camera calibration parameters via the host system.
6.1
Dynamic Calibration Tool
The name of the tool is: Intel® RealSense™ Dynamic Calibrator, please find it on
https://downloadcenter.intel.com/
There are two types of dynamic calibrations that are supported by the tool:
1. Targeted Dynamic Calibration (Depth Scale Calibration)
2. Target-less Dynamic Calibration (Rectification Calibration)
Refer to the user guide of Intel® RealSense™ Dynamic Calibrator for further
information.
§ §



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32